Electronic Components Datasheet Search
  English  ▼

X  

DER-96 Datasheet(PDF) 26 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 26 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 22Page - Power Integrations, Inc. DER-96 Datasheet HTML 23Page - Power Integrations, Inc. DER-96 Datasheet HTML 24Page - Power Integrations, Inc. DER-96 Datasheet HTML 25Page - Power Integrations, Inc. DER-96 Datasheet HTML 26Page - Power Integrations, Inc. DER-96 Datasheet HTML 27Page - Power Integrations, Inc. DER-96 Datasheet HTML 28Page - Power Integrations, Inc. DER-96 Datasheet HTML 29Page - Power Integrations, Inc. DER-96 Datasheet HTML 30Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 26 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
11.2 Output Transient Load Response
Figure 15
– 48 VDC, full load (3.3 V 1.6 A to 2.0 A step)
3.3 V Output Voltage
50 mV / Div, 10 ms / div
Figure 16 – 48 VDC, full load (5 V 0.16 A to 0.2 A step)
5 V Output Voltage
20 mV / Div, 10 ms / div
Figure 17
– 48 VDC, full load (12 V 0.16 A to 0.2 A
step)
12 V Output Voltage
50 mV / Div, 10 ms / div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com