Electronic Components Datasheet Search
  English  ▼

X  

DER-96 Datasheet(PDF) 27 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 27 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 23Page - Power Integrations, Inc. DER-96 Datasheet HTML 24Page - Power Integrations, Inc. DER-96 Datasheet HTML 25Page - Power Integrations, Inc. DER-96 Datasheet HTML 26Page - Power Integrations, Inc. DER-96 Datasheet HTML 27Page - Power Integrations, Inc. DER-96 Datasheet HTML 28Page - Power Integrations, Inc. DER-96 Datasheet HTML 29Page - Power Integrations, Inc. DER-96 Datasheet HTML 30Page - Power Integrations, Inc. DER-96 Datasheet HTML 31Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 27 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
11.3 Output Ripple Voltage
It can be seen from the waveforms below that the power supply comfortably meets the
output ripple specifications. This is possible even without the need for an output inductor.
Measurements made with 0.1 uF ceramic capacitor in parallel with a 1 uF / 50 V
electrolytic capacitor, and also made using very short lead length connections to the
output pins of the power supply.
Figure 18
– 48 VDC, Full Load
3.3 V Output Ripple, 50 mV,
2
µs / div
Figure 19 – 48 VDC, Full Load
5V Output Ripple, 50 mV,
2
µs / div
Figure 20
– 48 VDC, Full Load
12 V Output Ripple, 50 mV,
2
µs / div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com