Electronic Components Datasheet Search
  English  ▼

X  

DER-98 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-98
Description  41W (53Wpk) Power Supply using TOP246Y
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-98 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-98 Datasheet HTML 1Page - Power Integrations, Inc. DER-98 Datasheet HTML 2Page - Power Integrations, Inc. DER-98 Datasheet HTML 3Page - Power Integrations, Inc. DER-98 Datasheet HTML 4Page - Power Integrations, Inc. DER-98 Datasheet HTML 5Page - Power Integrations, Inc. DER-98 Datasheet HTML 6Page - Power Integrations, Inc. DER-98 Datasheet HTML 7Page - Power Integrations, Inc. DER-98 Datasheet HTML 8Page - Power Integrations, Inc. DER-98 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
DER-98
41W (53W pk) DVR
September 12, 2005
Page 2 of 30
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction ................................................................................................................... 4
2
Photograph.................................................................................................................... 4
3
Power Supply Specification ........................................................................................... 5
4
Schematic ..................................................................................................................... 6
5
Circuit Description ......................................................................................................... 7
5.1
Input EMI Filtering .................................................................................................. 7
5.2
TOPSwitch Primary................................................................................................ 7
5.3
Outputs................................................................................................................... 7
5.4
Output Feedback.................................................................................................... 7
5.5
Output OV Protection ............................................................................................. 7
6
PCB Layout ................................................................................................................... 8
7
Bill Of Materials ............................................................................................................. 9
8
Transformer Specification ........................................................................................... 11
8.1
Electrical Diagram ................................................................................................ 11
8.2
Electrical Specifications ....................................................................................... 11
8.3
Materials............................................................................................................... 12
8.4
Transformer Build Diagram .................................................................................. 12
8.4.1
WD#3 Copper Foil build diagram: ................................................................. 13
8.4.2
WDG#4 & #5 Copper Foil build diagram: ...................................................... 13
8.5
Transformer Construction..................................................................................... 14
8.6
Transformer Spreadsheets................................................................................... 15
9
Performance Data ....................................................................................................... 18
9.1
Line and Load Regulation .................................................................................... 18
9.2
Efficiency.............................................................................................................. 19
9.3
Overvoltage Protection......................................................................................... 19
10
Thermal Performance .............................................................................................. 20
11
Control Loop Measurements.................................................................................... 21
11.1
110 VAC Maximum Continuous Load .................................................................. 21
11.2
230 VAC Maximum Continuous Load .................................................................. 21
12
Waveforms............................................................................................................... 22
12.1
Drain Voltage and Current, Normal Operation ..................................................... 22
12.2
Output Voltage Start-up Profile ............................................................................ 22
12.3
Drain Voltage Start-up Profile............................................................................... 23
13
Output Ripple Measurements .................................................................................. 24
13.1.1
Ripple Measurement Technique ................................................................... 24
13.1.2
Measurement Results ................................................................................... 25
14
Conducted EMI ........................................................................................................ 28
14.1
230V High Line EMI ............................................................................................. 28
15
Revision History....................................................................................................... 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com