Electronic Components Datasheet Search
  English  ▼

X  

DER-98 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # DER-98
Description  41W (53Wpk) Power Supply using TOP246Y
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-98 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button DER-98 Datasheet HTML 18Page - Power Integrations, Inc. DER-98 Datasheet HTML 19Page - Power Integrations, Inc. DER-98 Datasheet HTML 20Page - Power Integrations, Inc. DER-98 Datasheet HTML 21Page - Power Integrations, Inc. DER-98 Datasheet HTML 22Page - Power Integrations, Inc. DER-98 Datasheet HTML 23Page - Power Integrations, Inc. DER-98 Datasheet HTML 24Page - Power Integrations, Inc. DER-98 Datasheet HTML 25Page - Power Integrations, Inc. DER-98 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
DER-98
41W (53W pk) DVR
September 12, 2005
Page 22 of 30
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
12 Waveforms
Waveforms were taken at 25
oC. All outputs are loaded at full load, total 53 W.
12.1 Drain Voltage and Current, Normal Operation
Figure 11
– 85 VAC, Full Load.
Lower: IDRAIN, 1 A / div
Upper: VDRAIN, 200 V, 2
µs / div
Figure 12
– 265 VAC, Full Load
Lower: IDRAIN, 1 A / div
Upper: VDRAIN, 200 V, 2
µs / div
12.2 Output Voltage Start-up Profile
Figure 13
– Start-up Profile, 85 VAC
1 V / div for 3.3 V & 5 V, 2 V / div for 12 V,
50 ms / div.
Figure 14
– Start-up Profile, 265 VAC
1 V / div for 3.3 V & 5 V, 2 V / div for 12V,
50 ms / div.
12V
5V
12V
5V
3.3V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com