Electronic Components Datasheet Search
  English  ▼

X  

TDA3601Q Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3601Q
Description  Multiple output voltage regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3601Q Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3601Q Datasheet HTML 4Page - NXP Semiconductors TDA3601Q Datasheet HTML 5Page - NXP Semiconductors TDA3601Q Datasheet HTML 6Page - NXP Semiconductors TDA3601Q Datasheet HTML 7Page - NXP Semiconductors TDA3601Q Datasheet HTML 8Page - NXP Semiconductors TDA3601Q Datasheet HTML 9Page - NXP Semiconductors TDA3601Q Datasheet HTML 10Page - NXP Semiconductors TDA3601Q Datasheet HTML 11Page - NXP Semiconductors TDA3601Q Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1995 Dec 13
8
Philips Semiconductors
Product specification
Multiple output voltage regulators
TDA3601Q
TDA3601AQ
Notes
1. During 50 ms, tr > 2.5 ms.
2. Regulator 1 operating, 0.5 mA
≤ IR1 ≤ 20 mA.
3. VP1 = 13.2 V, VP2 = R4-sel = R5-sel = 0, IR1 =0.
4. External pull-up resistor of 10 k
Ω to 5 V required, and Cload ≤ 10 pF.
5. Spike-on reset measured within a time frame of 75 msec.
6. VP1 =VP2 = 13.2 V, ripple on VP1 =VP2 of: 1 V(p-p),fo = 120 Hz.
7. Foldback current protection behaviour: see Fig.4.
REGULATOR 5(IR5 =5 MA UNLESS OTHERWISE SPECIFIED)
VR5
output voltage
5 mA
≤ IR5 ≤ 200 mA
9
9.5
10
V
11 V
≤ V
P ≤ 18 V
9
9.5
10
V
∆V
R5
line regulation
11 V
≤ VP ≤ 18 V
−−
50
mV
∆VRL5
load regulation
5 mA
≤ IR5 ≤ 200 mA
−−
70
mV
RR5
ripple rejection
fo = 120 Hz; VP1 =VP2; note 6
60
−−
dB
VRd5
dropout voltage
IR5 = 200 mA
−−
1V
IRm5
current limit
VR5 > 8.5 V; note 7
250
−−
mA
IRsc5
short-circuit current
RL ≤ 0.5 Ω; note 7
−
tbn
−
mA
∆V/∆T
thermal drift
−40 ≤ T ≤ 80 °C
−
tbn
−
mV/
°C
REGULATOR 6(IR6 =5 MA UNLESS OTHERWISE SPECIFIED)
VR6
output voltage
5 mA
≤ IR6 ≤ 200 mA
9.3
9.75
10.25
V
11 V
≤ VP ≤ 18 V
9.3
9.75
10.25
V
∆V
R6
line regulation
11 V
≤ VP ≤ 18 V
−−
50
mV
∆V
RL6
load regulation
5 mA
≤ IR6 ≤ 200 mA
−−
70
mV
RR6
ripple rejection
fo = 120 Hz; VP1 =VP2; note 6
60
−−
dB
VRd6
dropout voltage
IR6 = 200 mA
−−
0.5
V
IRm6
current limit
VR6 > 8.5 V; note 7
300
−−
mA
IRsc6
short-circuit current
Rbel ≤ 0.5 Ω; note 7
−
tbn
−
mA
∆V/∆T
thermal drift
−40 ≤ T ≤ 80 °C
−
tbn
−
mV/
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com