Electronic Components Datasheet Search
  English  ▼

X  

TDA3601Q Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3601Q
Description  Multiple output voltage regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3601Q Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3601Q Datasheet HTML 1Page - NXP Semiconductors TDA3601Q Datasheet HTML 2Page - NXP Semiconductors TDA3601Q Datasheet HTML 3Page - NXP Semiconductors TDA3601Q Datasheet HTML 4Page - NXP Semiconductors TDA3601Q Datasheet HTML 5Page - NXP Semiconductors TDA3601Q Datasheet HTML 6Page - NXP Semiconductors TDA3601Q Datasheet HTML 7Page - NXP Semiconductors TDA3601Q Datasheet HTML 8Page - NXP Semiconductors TDA3601Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REGULATOR 1
5 V
REGULATOR 2
2.1 V
REGULATOR 3
5 V
REGULATOR 4
9.5 V
REGULATOR 5
9.5 V
REGULATOR 6
9.75 V
OVER VOLTAGE
AND THERMAL
SHUTDOWN
OUT OF
REGULATION
POWER ON
INVERT
ONE SHOT
40 ms
LOGIC
SWITCH
ONE SHOT
100 µs
OR GATE
AND
SENSE
V
P2
4
regulator 1
output
10
regulator 2
output
9
regulator 3
output
6
regulator 4
output
7
regulator 5
output
8
regulator 6
output
12
ground
V
P1
V
P2
5
11
13A
13
1
2
3
RESET - output
regulator 4
select
regulator 5
select
RESET - output
TDA3601Q
TDA3601AQ
MCD341
reset timing
capacitor
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com