Electronic Components Datasheet Search
  English  ▼

X  

AD5111 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5111
Description  Single-Channel, 128-/64-/32-Position, I2C, 8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5111 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5111 Datasheet HTML 16Page - Analog Devices AD5111 Datasheet HTML 17Page - Analog Devices AD5111 Datasheet HTML 18Page - Analog Devices AD5111 Datasheet HTML 19Page - Analog Devices AD5111 Datasheet HTML 20Page - Analog Devices AD5111 Datasheet HTML 21Page - Analog Devices AD5111 Datasheet HTML 22Page - Analog Devices AD5111 Datasheet HTML 23Page - Analog Devices AD5111 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
AD5110/AD5112/AD5114
THEORY OF OPERATION
analog.com
Rev. D | 20 of 28
Table 10. Command Operation Truth Table
Command
Number
Command
Data1
Operation
DB10
DB8
DB7
DB0
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
X
X
X
X
X
X
X
X
No operation
1
0
0
1
X
X
X
X
X
X
X
X
Write contents of RDAC register to EEPROM
2
0
1
0
7
6
5
4
3
2
12
02, 3
Write contents of serial register data to RDAC
MSB
LSB
1
0
0
0
0
0
0
0
Top scale
1
1
1
1
1
1
1
1
Bottom scale
3
0
1
1
X
X
X
X
X
X
X
A0
Software shutdown
0: shutdown off
1: shutdown on
4
1
0
0
X
X
X
X
X
X
X
X
Software reset: refresh RDAC register with EEPROM
5
1
0
1
X
X
X
X
X
X
X
X
Read contents of RDAC register
6
1
1
0
X
X
X
X
X
X
A1
A0
Read contents of EEPROM
A1
A0
Data
0
0
Wiper position saved
0
1
Resistor tolerance
1 X is don’t care.
2 In the AD5114, this bit is a don’t care.
3 In the AD5112, this bit is a don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com