Electronic Components Datasheet Search
  English  ▼

X  

AD5111 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5111
Description  Single-Channel, 128-/64-/32-Position, I2C, 8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5111 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5111 Datasheet HTML 19Page - Analog Devices AD5111 Datasheet HTML 20Page - Analog Devices AD5111 Datasheet HTML 21Page - Analog Devices AD5111 Datasheet HTML 22Page - Analog Devices AD5111 Datasheet HTML 23Page - Analog Devices AD5111 Datasheet HTML 24Page - Analog Devices AD5111 Datasheet HTML 25Page - Analog Devices AD5111 Datasheet HTML 26Page - Analog Devices AD5111 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD5110/AD5112/AD5114
THEORY OF OPERATION
analog.com
Rev. D | 23 of 28
EEPROM WRITE ACKNOWLEDGE POLLING
After each write operation to the EEPROM, an internal write cycle
begins. The I2C interface of the device is disabled. To determine
if the internal write cycle is complete and the I2C interface is
enabled, interface polling can be executed. I2C interface polling can
be conducted by sending a start condition, followed by the target
address and the write bit. If the I2C interface responds with an
acknowledge, the write cycle is complete, and the interface is ready
to proceed with further operations. Otherwise, I2C interface polling
can be repeated until it succeeds.
READ OPERATION
The AD5110/AD5112/AD5114 allow read back of the contents of the
RDAC register and EEPROM memory through the I2C interface by
using Command 6 (see Table 10).
When reading data back from the AD5110/AD5112/AD5114, the
user must first issue a readback command to the device. This
begins with a start command, followed by an address byte (R/W =
0), after which the AD5110/AD5112/AD5114 acknowledges that it is
prepared to receive data by pulling SDA low.
Two bytes of data are then written to the AD5110/AD5112/AD5114,
the most significant byte followed by the least significant byte. Both
of these data bytes are acknowledged by the AD5110/AD5112/
AD5114. A stop condition follows. These bytes contain the read in-
struction, which enables read back of the RDAC register, EEPROM
memory. The user can then read back the data. This begins with
a start command followed by an address byte (R/W = 1), after
which the device acknowledges that it is prepared to transmit data
by pulling SDA low. Two bytes of data are then read from the
device, which are both acknowledged by the controller, as shown
in Figure 45. A stop condition follows. If the controller does not
acknowledge the first byte, then the second byte is not transmitted
by the AD5110/AD5112/AD5114.
The AD5110/AD5112/AD5114 do not support repeat readback.
Figure 45. AD5110 Interface Read Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com