Electronic Components Datasheet Search
  English  ▼

X  

AD8158 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8158
Description  6.5 Gbps Quad Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8158 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8158 Datasheet HTML 15Page - Analog Devices AD8158 Datasheet HTML 16Page - Analog Devices AD8158 Datasheet HTML 17Page - Analog Devices AD8158 Datasheet HTML 18Page - Analog Devices AD8158 Datasheet HTML 19Page - Analog Devices AD8158 Datasheet HTML 20Page - Analog Devices AD8158 Datasheet HTML 21Page - Analog Devices AD8158 Datasheet HTML 22Page - Analog Devices AD8158 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AD8158
Rev. B | Page 19 of 36
RECEIVERS
The AD8158 receivers incorporate 50 Ω on-chip termination,
ESD protection, and a multizero equalization function capable
of delivering up to 18 dB of boost at 4.25 GHz. The AD8158 can
compensate signal degradation at 6.5 Gbps from over 40 inches
of FR4 backplane trace. The receive path also incorporates a
loss-of-signal (LOS) function that squelches the associated
transmitter when the midband differential voltage falls below a
specified threshold value. Finally, the receivers implement a sign-
swapping option (P/N swap), which allows the user to invert the
sign of the input signal path and eliminates the need for board-
level crossovers in the receive channels.
Input Structure and Allowed Input Levels
The AD8158 tolerates an input common-mode range (meas-
ured with zero differential input) of
VEE + 0.6 V < VICM < VCC + 0.3 V
Typical supply configurations include, but are not limited to,
those listed in Table 9.
Table 9. Typical Input Supply Configurations
Configuration
DVCC
VCC
VTTI
Low VTTI, AC-Coupled Input
3.3 V − 1.8 V
1.8 V
1.6 V
Single 1.8 V Supply
3.3 V − 1.8 V
1.8 V
1.8 V
3.3 V Core
3.3 V
3.3 V
1.8 V
Single 3.3 V Supply
3.3 V
3.3 V
3.3 V
When dc-coupling with LVDS, CML, or ECL signals, it can
be advantageous to operate with split or negative supplies
(see the Applications Information section). In these appli-
cations, it is necessary to observe the maximum voltage ratings
between VCC and VEE and to select supply voltages for VTTO and
VTTI in the range of VCC to VEE to avoid activating the ESD
protection devices.
RP
52
Ω
RN
52
Ω
R1
750
Ω
R2
750
Ω
R3
1k
Ω
RLP
RL
Q1
Q2
I1
RLN
RL
VCC
VTTI
IP_xx
IN_xx
VEE
Figure 37. Simplified Receiver Input Structure
Equalizer Settings
Every input lane offers a low power, asynchronous, programma-
ble receive equalizer for NRZ data up to 6.5 Gbps. The pin control
interface allows two levels of receive equalization. Register-based
control allows the user 10 equalizer settings. Register and pin
control boost settings are listed in Table 10. Equalization capa-
bility and resulting jitter performance are illustrated in Figure 30,
Figure 31, and Figure 34. Figure 34 shows the loss characteristic
of various reference channels, and Figure 30 and Figure 31 show
resulting DJ and RJ performance vs. equalizer setting against these
channels.
The four LSBs of Register 0x41, Register 0x81, and Register 0xC1
allow programming of all the equalizers in a port simultane-
ously (see Table 13). The 0x42, 0x82, and 0xC2 registers allow
per-lane programming of the equalizers (see Table 22). Be
aware that writing to the port-level equalizer registers updates
and overwrites per-lane settings.
Table 10. Equalizer Settings
Equalization
Boost (dB)
EQ Register Setting
EQ[1:0] Pins
0
0
00
2
1
N/A
4
2
01
6
3
N/A
8
4
10
10
5
N/A
12
6
N/A
14
7
N/A
16
8
N/A
18
9
11
RP
RTERM
RN
RTERM
ON-CHIP TERMINATION
ESD
EQUALIZER
LOSS
OF
SIGNAL
DETECT
VTHRESH
SIG
EQ OUT
VCC
VTTI
IP_xx
IN_xx
VEE
Figure 38. Functional Diagram of the AD8158 Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com