Electronic Components Datasheet Search
  English  ▼

X  

AD5941BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD5941BCPZ
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD5941BCPZ Datasheet HTML 54Page - Analog Devices AD5941BCPZ Datasheet HTML 55Page - Analog Devices AD5941BCPZ Datasheet HTML 56Page - Analog Devices AD5941BCPZ Datasheet HTML 57Page - Analog Devices AD5941BCPZ Datasheet HTML 58Page - Analog Devices AD5941BCPZ Datasheet HTML 59Page - Analog Devices AD5941BCPZ Datasheet HTML 60Page - Analog Devices AD5941BCPZ Datasheet HTML 61Page - Analog Devices AD5941BCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 143 page
background image
Data Sheet
AD5940/AD5941
HIGH PERFORMANCE ADC CIRCUIT
analog.com
Rev. D | 58 of 143
Figure 34. Postprocessing Filter Options
ADC CIRCUIT REGISTERS
Table 42. ADC Control Registers Summary
Address
Name
Description
Reset
Access
0x00002044
ADCFILTERCON
ADC output filters configuration register
0x00000301
R/W
0x00002074
ADCDAT
ADC raw result register
0x00000000
R/W
0x00002078
DFTREAL
DFT result, real device register
0x00000000
R/W
0x0000207C
DFTIMAG
DFT result, imaginary device register
0x00000000
R/W
0x00002080
SINC2DAT
Sinc2 filter result register
0x00000000
R/W
0x00002084
TEMPSENSDAT
Temperature sensor result register
0x00000000
R/W
0x000020D0
DFTCON
DFT configuration register
0x00000090
R/W
0x00002174
TEMPSENS
Temperature sensor configuration register
0x00000000
R/W
0x000021A8
ADCCON
ADC configuration register
0x00000000
R/W
0x000021F0
REPEATADCCNV
Repeat ADC conversion control register
0x00000160
R/W
0x0000238C
ADCBUFCON
ADC buffer configuration register
0x005F3D00
R/W
ADC Output Filters Configuration Register—ADCFILTERCON
Address 0x00002044, Reset: 0x00000301, Name: ADCFILTERCON
Table 43. Bit Descriptions for ADCFILTERCON Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:19]
Reserved
Reserved.
0x0
R
18
DFTCLKENB
DFT clock enable.
0x0
0 Enable.
1 Disable.
17
DACWAVECLKENB
DAC wave clock enable.
0x0
0 Enable.
1 Disable.
16
SINC2CLKENB
Sinc2 filter clock enable.
0x0
0 Enable.
1 Disable.
[15:14]
AVRGNUM
These bits set the number of samples used by the averaging function. The average output
is fed directly to the DFT block and the DFT source is automatically changed to the average
output. The AVRGEN bit must be set to 1 to use these bits.
0x0
R/W
0 2 ADC samples used for the average function.
1 4 ADC samples used for the average function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com