Electronic Components Datasheet Search
  English  ▼

X  

AD5941BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD5941BCPZ
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5941BCPZ Datasheet HTML 10Page - Analog Devices AD5941BCPZ Datasheet HTML 11Page - Analog Devices AD5941BCPZ Datasheet HTML 12Page - Analog Devices AD5941BCPZ Datasheet HTML 13Page - Analog Devices AD5941BCPZ Datasheet HTML 14Page - Analog Devices AD5941BCPZ Datasheet HTML 15Page - Analog Devices AD5941BCPZ Datasheet HTML 16Page - Analog Devices AD5941BCPZ Datasheet HTML 17Page - Analog Devices AD5941BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 143 page
background image
Data Sheet
AD5940/AD5941
SPECIFICATIONS
analog.com
Rev. D | 14 of 143
Table 1. (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
External Reset
Minimum Pulse Width2
1
µs
Minimum pulse width required on external reset pin to trigger
a reset
WAKE-UP TIMER2
Shortest Duration
31.25
µs
Longest Duration
32
sec
DIGITAL INPUTS
Input Leakage Current2
Logic 1 GPIO
1
±5
nA
Voltage input high (VIH ) = IOVDD, pull-up resistor disabled
Logic 0 GPIO
1
±10
nA
Voltage input low (VIL ) = 0 V, pull-up resistor disabled
Input Capacitance2
10
pF
Pin Capacitance2
XTALI
10
pF
XTALO
10
pF
GPIO Input Voltage
Low
VINL
0.25 ×
IOVDD
V
High
VINH
0.57
×IOVDD
V
XTALI Input Voltage2
Low
VINL
1.1
V
High
VINH
1.7
V
LOGIC INPUTS
GPIO Input Voltage2
Low
VINL
0.25 ×
IOVDD
V
High
VINH
0.57 ×
IOVDD
V
Pull-Up Current2
30
130
µA
Input voltage (VIN) = 0 V; DVDD = 3.6 V
LOGIC OUTPUTS
All digital outputs, excluding XTALO
GPIO Output Voltage2,15
High
VOH
IOVDD −
0.4
V
Source current (ISOURCE) = 2 mA
Low
VOL
0.35
V
Sink current (ISINK) = 2 mA
Pull-Down Current2
30
100
µA
VIN = 3.3 V
GPIO Short-Circuit Current
11.5
mA
PIN SUPPLY RANGE FOR 1.8 V INPUT/
OUTPUT2
1.62
1.8
1.98
V
Input Voltage
Low
VINL
0.3 × pin
supply
V
High
VINH
0.7 × pin
supply
V
Output Voltage
Low
VOL
0.45
V
ISINK = 1.0 mA
High
VOH
Pin
supply −
0.5
V
ISOURCE = 1.0 mA
OSCILLATORS
Internal System Oscillator
16 or 32
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com