Electronic Components Datasheet Search
  English  ▼

X  

DER-112 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # DER-112
Description  20 W and 30 W Boost Converters with Constant Current Output using DPA423G and DPA424G
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-112 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button DER-112 Datasheet HTML 9Page - Power Integrations, Inc. DER-112 Datasheet HTML 10Page - Power Integrations, Inc. DER-112 Datasheet HTML 11Page - Power Integrations, Inc. DER-112 Datasheet HTML 12Page - Power Integrations, Inc. DER-112 Datasheet HTML 13Page - Power Integrations, Inc. DER-112 Datasheet HTML 14Page - Power Integrations, Inc. DER-112 Datasheet HTML 15Page - Power Integrations, Inc. DER-112 Datasheet HTML 16Page - Power Integrations, Inc. DER-112 Datasheet HTML 17Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DER-112
20 W / 30 W Constant Current LED Backlight Driver
July 19, 2006
Page 13 of 17
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6.2
Regulation vs. Load (40 V)
Regulation vs Load
20.0
25.0
30.0
35.0
40.0
45.0
0.00
0.25
0.50
0.75
Iout (A)
24 Vin
Figure 9 – Board 1 (40 V), Output Regulation vs. Output Load, Room Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com