Electronic Components Datasheet Search
  English  ▼

X  

DER-112 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-112
Description  20 W and 30 W Boost Converters with Constant Current Output using DPA423G and DPA424G
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-112 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-112 Datasheet HTML 1Page - Power Integrations, Inc. DER-112 Datasheet HTML 2Page - Power Integrations, Inc. DER-112 Datasheet HTML 3Page - Power Integrations, Inc. DER-112 Datasheet HTML 4Page - Power Integrations, Inc. DER-112 Datasheet HTML 5Page - Power Integrations, Inc. DER-112 Datasheet HTML 6Page - Power Integrations, Inc. DER-112 Datasheet HTML 7Page - Power Integrations, Inc. DER-112 Datasheet HTML 8Page - Power Integrations, Inc. DER-112 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DER-112
20 W / 30 W Constant Current LED Backlight Driver
July 19, 2006
Page 2 of 17
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction .................................................................................................................3
2
Power Supply Specification ........................................................................................6
2.1
Board 1 (40 V Output)..........................................................................................6
2.2
Board 2 (60 V Output)..........................................................................................6
3
Schematic ...................................................................................................................7
3.1
Schematic of Board 1 (40 V Output) ....................................................................7
3.2
Schematic of Board 2 (60 V Output) ....................................................................8
4
BOM............................................................................................................................9
4.1
Bill of Materials – Board 1 (40 V) .........................................................................9
4.2
Bill of Materials – Board 2 (60 V) .......................................................................10
5
Layout .......................................................................................................................11
6
Performance .............................................................................................................12
6.1
Efficiency ...........................................................................................................12
6.2
Regulation vs. Load (40 V) ................................................................................13
6.3
Regulation vs. Load (60 V) ................................................................................14
7
Performance .............................................................................................................15
7.1
Raw Performance Data – 60V Board.................................................................15
7.2
Raw Performance Data – 40 V Board................................................................15
8
Revision History ........................................................................................................16
Important Note:
This board is designed to be non-isolated. However the outputs are high voltage so
please take the necessary safety precautions.
Design Reports contain a power supply design specification, schematic, bill of materials,
and transformer documentation. Performance data and typical operation characteristics
are included. Typically only a single prototype has been built.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com