Electronic Components Datasheet Search
  English  ▼

X  

DER-113 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # DER-113
Description  5 W, 5 V Charger using TNY274P
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-113 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button DER-113 Datasheet HTML 9Page - Power Integrations, Inc. DER-113 Datasheet HTML 10Page - Power Integrations, Inc. DER-113 Datasheet HTML 11Page - Power Integrations, Inc. DER-113 Datasheet HTML 12Page - Power Integrations, Inc. DER-113 Datasheet HTML 13Page - Power Integrations, Inc. DER-113 Datasheet HTML 14Page - Power Integrations, Inc. DER-113 Datasheet HTML 15Page - Power Integrations, Inc. DER-113 Datasheet HTML 16Page - Power Integrations, Inc. DER-113 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DER-113
5 W Charger for Portable Audio Player
July 19, 2006
Page 13 of 25
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
TRANSFORMER PRIMARY DESIGN PARAMETERS
LP
2519 uHenries
Typical Primary Inductance. +/- 12% to ensure a
minimum primary inductance of 2249 uH
LP_TOLERANCE
12 %
Primary inductance tolerance
NP
120
Primary Winding Number of Turns
ALG
174 nH/T^2
Gapped Core Effective Inductance
BM
2909 Gauss
Maximum Operating Flux Density, BM<3000 is recommended
BAC
952 Gauss
AC Flux Density for Core Loss Curves (0.5 X Peak to Peak)
ur
1654
Relative Permeability of Ungapped Core
LG
0.12 mm
Gap Length (Lg > 0.1 mm)
BWE
25.8 mm
Effective Bobbin Width
OD
0.21 mm
Maximum Primary Wire Diameter including insulation
INS
0.04 mm
Estimated Total Insulation Thickness (= 2 * film thickness)
DIA
0.17 mm
Bare conductor diameter
AWG
34 AWG
Primary Wire Gauge (Rounded to next smaller standard
AWG value)
CM
40 Cmils
Bare conductor effective area in circular mils
CMA
273 Cmils/Amp
Primary Winding Current Capacity (200 < CMA < 500)
TRANSFORMER SECONDARY DESIGN PARAMETERS
Lumped
parameters
ISP
4.68 Amps
Peak Secondary Current
ISRMS
2.29 Amps
Secondary RMS Current
IRIPPLE
2.06 Amps
Output Capacitor RMS Ripple Current
CMS
458 Cmils
Secondary Bare Conductor minimum circular mils
AWGS
23 AWG
Secondary Wire Gauge (Rounded up to next larger standard
AWG value)
VOLTAGE STRESS PARAMETERS
VDRAIN
640 Volts
Maximum Drain Voltage Estimate (Assumes 20% zener
clamp tolerance and an additional 10% temperature
tolerance)
PIVS
24 Volts
Output Rectifier Maximum Peak Inverse Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com