Electronic Components Datasheet Search
  English  ▼

X  

DER-113 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # DER-113
Description  5 W, 5 V Charger using TNY274P
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-113 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button DER-113 Datasheet HTML 17Page - Power Integrations, Inc. DER-113 Datasheet HTML 18Page - Power Integrations, Inc. DER-113 Datasheet HTML 19Page - Power Integrations, Inc. DER-113 Datasheet HTML 20Page - Power Integrations, Inc. DER-113 Datasheet HTML 21Page - Power Integrations, Inc. DER-113 Datasheet HTML 22Page - Power Integrations, Inc. DER-113 Datasheet HTML 23Page - Power Integrations, Inc. DER-113 Datasheet HTML 24Page - Power Integrations, Inc. DER-113 Datasheet HTML 25Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
DER-113
5 W Charger for Portable Audio Player
July 19, 2006
Page 22 of 25
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
11.5.2 Measurement Results
Ripple measurements were done at the end of the cable on the load side.
Figure 21 – Ripple, 85 VAC, Full Load.
50 uS, 100 mV / div
Figure 22 – 5 V Ripple, 115 VAC, Full Load.
50 uS, 100 mV / div
Figure 23 – Ripple, 230 VAC, Full Load.
50 uS, 100 mV / div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com