Electronic Components Datasheet Search
  English  ▼

X  

TDA3607 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA3607
Description  Multiple voltage regulator with switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3607 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA3607 Datasheet HTML 1Page - NXP Semiconductors TDA3607 Datasheet HTML 2Page - NXP Semiconductors TDA3607 Datasheet HTML 3Page - NXP Semiconductors TDA3607 Datasheet HTML 4Page - NXP Semiconductors TDA3607 Datasheet HTML 5Page - NXP Semiconductors TDA3607 Datasheet HTML 6Page - NXP Semiconductors TDA3607 Datasheet HTML 7Page - NXP Semiconductors TDA3607 Datasheet HTML 8Page - NXP Semiconductors TDA3607 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1997 May 05
5
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3607
LIMITING VALUES
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”. The number of the quality specification can be found in the “Quality Reference
Handbook”. The handbook can be ordered using the code 9397 750 00192.
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in test circuit of Fig.5; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
−
18
V
jump start
t
≤ 10 minutes
−
30
V
load dump protection
during 50 ms; tr ≥ 2.5 ms
−
50
V
VP
reverse battery voltage
non-operating
−−18
V
Ptot
total power dissipation
−
62
W
Tstg
storage temperature range
non-operating
−55
+150
°C
Tamb
ambient temperature range
operating
−40
+85
°C
Tj
junction temperature
operating
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-c
thermal resistance from junction to case
regulator and switch-on
2
K/W
Rth j-a
thermal resistance from junction to ambient in free air
50
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage
operating
11
14.4
18
V
REGn on
note 1
6
14.4
18
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
during 50 ms; tr ≥ 2.5 ms
−−
50
V
Iq
quiescent current
VP = 12.4 V; note 2
−
140
µA
VP = 14.4 V; note 2
−
1
−µA
Schmitt-trigger power supply for regulators 1, 2 and 3
Vthr
rising voltage threshold
Ven =3V
−
4.5
−
V
Vthf
falling voltage threshold
Ven =3V
−
4.1
−
V
Vhys
hysteresis
−
0.4
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com