Electronic Components Datasheet Search
  English  ▼

X  

TDA3607 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3607
Description  Multiple voltage regulator with switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3607 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3607 Datasheet HTML 7Page - NXP Semiconductors TDA3607 Datasheet HTML 8Page - NXP Semiconductors TDA3607 Datasheet HTML 9Page - NXP Semiconductors TDA3607 Datasheet HTML 10Page - NXP Semiconductors TDA3607 Datasheet HTML 11Page - NXP Semiconductors TDA3607 Datasheet HTML 12Page - NXP Semiconductors TDA3607 Datasheet HTML 13Page - NXP Semiconductors TDA3607 Datasheet HTML 14Page - NXP Semiconductors TDA3607 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1997 May 05
11
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3607
PACKAGE OUTLINE
UNIT
A
b
max.
bp
2
cD(1)
E(1)
Z (1)
de
Dh
L
j
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
4.6
4.2
1.1
0.75
0.60
0.48
0.38
24.0
23.6
20.0
19.6
10
2.54
12.2
11.8
3.4
3.1
A
max.
1
2.0
Eh
6
2.00
1.45
2.1
1.8
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
17.2
16.5
SOT131-2
92-11-17
95-03-11
0
5
10 mm
scale
Q
0.25
w
0.03
x
D
L
A
E
c
A 2
Q
w M
b p
d
D
Z
e
x
h
19
Eh
non-concave
1
b
j
SIL9P: plastic single in-line power package; 9 leads
SOT131-2
view B: mounting base side
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com