Electronic Components Datasheet Search
  English  ▼

X  

DI-31 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-31
Description  5 V, 70 W DC-DC Converter with Synchronous Rectification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-31 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-31 Datasheet HTML 1Page - Power Integrations, Inc. DI-31 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-31
DPA-Switch 5 V, 70 W DC-DC
Converter with Synchronous Rectification
December 2002
DI-31
™
Application
DC-DC Converter
DPA426R
5 V
Power Output
70 W
Input Voltage
Output Voltage
Topology
Device
36-75 VDC
Forward
Design Highlights
• Extremely low component count
• High efficiency, 90% using synchronous rectification
• No current sense resistor or current transformer required
• Output overload, open loop and thermal protection
• Accurate input under/overvoltage meets ETSI standards
• 300 kHz switching frequency – optimizes efficiency using
simple self-driven synchronous rectification
Operation
The 70 W converter shown in Figure 1 benefits from many of
the DPA-Switch integrated features. In particular, no external
current sense components are required. In a discrete
implementation, an expensive current transformer and a number
of additional components would increase the cost of this
converter significantly.
R1 programs the input UV/OV thresholds. The tight tolerance
of the UV/OV thresholds limits the range of gate drive voltages
Figure 1. DPA426 70 W, 5 V, 14 A DC-DC Converter.
®
applied to MOSFETs Q1 to Q6, eliminating the need for gate
voltage clamp circuitry. The self-driven synchronous
rectification configuration is therefore very simple, with R4
to R6 filtering voltage spikes at the gates of Q1, Q2 and Q3
and D4 preventing the body diodes of Q4, Q5 and Q6 from
conducting.
Capacitor C9, diodes D1-D2, and inductor L2 form a resonant
snubber that recycles leakage and magnetizing energy stored
in T1, and also helps to reset T1. Zener diode VR1 provides
a hard voltage limit and only conducts during output transient
and overload conditions. Capacitor C12 and Resistor R7
damp secondary switching spikes and help to reset T1.
Key Design Points
• For nominal undervoltage set point V
UV:
R1 = (V
UV - 2.35 V)/50 µA. VOV = (R1 x 135 µA) + 2.5 V.
• Locate C10, C11, and R3 close to the U1 CONTROL pin,
with ground connections returned to SOURCE pin.
+ VIN
36-75 VDC
C1, C2
1 µF
100 V
C3, C4,
C5, C6
1 µF 100 V
(x4)
C13, C14,
C15, C16, C17
100 µF 10 V
(x5)
U1
DPA426R
1
5
4
9,10
6,7
3
2
C9
150 pF
200 V
C10
220 nF
C11
68 µF
10 V
C7 1 nF
1.5 kV
R2
6.8 kΩ
1 %
R1
619 kΩ
R3
1.0 Ω
DL
SX
F
C
CONTROL
CONTROL
U2
PC357N1T
DPA-Switch
T1
D1
ESD1
D2
ESD1
L2
220 µH
C12 2.2 nF, 50 V
BAV19WS
D3
VR1
SMBJ
150
D4
42CTQ30S
PI-3375-121602
R4-R6
10 Ω
Q1-Q3
SI4842DY
Q4-Q6
SI4842DY
L1
1 µH
2.5 A
L3
3.8 µH
20 A
-VIN
U2
C18, C19
100 µF
10 V
C20
1 µF
10 V
D6
BAV19WS
U3
LM431AIM3
C23
10 µF
10 V
R14
220 Ω
R16
10.0 kΩ
1%
R15
10.0 kΩ
1%
R11
150 Ω
C22
100 nF
R10
5.1 Ω
C21 1 µF
R13
10 kΩ
RTN
5 V, 14 A
L4
100 nH
20 A
D5
BAV19WS
L5
2.2 mH
40 mA
C8
1 µF
25 V
R7
1 Ω


Similar Part No. - DI-31

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
180 W PC Main SFX Supply
logo
Contec Co., Ltd
DI-32B-PE CONTEC-DI-32B-PE Datasheet
320Kb / 4P
Opto-Isolation Digital Input for PCI Express
DI-32GY CONTEC-DI-32GY Datasheet
238Kb / 3P
F&eIT Series Isolated Digital Input Module
DI-32L-PE CONTEC-DI-32L-PE Datasheet
302Kb / 3P
Isolated Digital Input board for PCI Express
DI-32T-PE CONTEC-DI-32T-PE Datasheet
309Kb / 3P
Digital Input Board for PCI Express
More results

Similar Description - DI-31

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB39A108 FUJITSU-MB39A108 Datasheet
364Kb / 4P
5-Channel DC/DC Converter IC with Synchronous Rectification
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
6 ch DC/DC Converter IC with Synchronous Rectification
logo
Power Integrations, Inc...
DI-25 POWERINT-DI-25 Datasheet
483Kb / 2P
30 W DC-DC Converter with Synchronous Rectification
DI-40 POWERINT-DI-40 Datasheet
57Kb / 2P
2.5 V, 20 W DC-DC Converter with Synchronous Rectification
logo
fujitsu semiconductor
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
4-ch DC/DC Converter IC with Synchronous Rectification
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
5 ch DC/DC Converter IC with Synchronous Rectification
MB39A115 FUJITSU-MB39A115 Datasheet
495Kb / 42P
5 ch DC/DC Converter IC with Synchronous Rectification
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
2ch DC/DC Converter IC with Synchronous Rectification Datasheet
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
2ch DC/DC Converter IC with PWM Synchronous Rectification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com