Electronic Components Datasheet Search
  English  ▼

X  

DI-37 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-37
Description  16.5 W DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-37 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-37 Datasheet HTML 1Page - Power Integrations, Inc. DI-37 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-37
DPA-Switch™
16.5 W DC-DC Converter
Design Highlights
• Low cost
• 400 kHz synchronous rectification design
• Low component count
• Efficiency – 87% at 48 VDC
• No current sense resistor or current transformer
required
• Output overload, open loop and thermal protection
• Integrated UV meets ETSI standard
Operation
DPA-Switch
greatly simplifies the design compared to a
discreteimplementation. ResistorR1programstheunder/over
voltages and linearly reduces the maximum duty cycle with
input voltage to prevent core saturation during load transients.
Resistor R3 programs the DPA-Switch current limit to 60%
of nominal to limit fault and overload power. Drain voltage
clamping is provided by Zener diode VR1. Transformer core
reset is controlled by the gate capacitance of Q1.
Resistor R15 charges the gate of Q2, the forward synchronous
rectifier MOSFET. The catch synchronous rectifier MOSFET
(Q1) is directly driven by the transformer (T1) reset voltage and
operates only when Q2 is off. Diode D2 provides a conduction
path for the output inductor (L2) current when the transformer
reset is complete.
www.powerint.com
Figure 1. DPA424R–16.5 W, 3.3 V, 5 A DC-DC Converter.
DI-37
July 2004
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
Telecom
DPA424R
16.5 W
36-75 VDC
3.3 V
Forward Sync. Rec.
U1
DPA424R
D1
BAV
19WS
D2
B540C
C5
220 nF
VR1
SMBJ
150
C6
68
µF
10 V
C7
1 nF
1.5 kV
R14
10
Ω
T1
R3
11.1 k
Ω
1%
R1
619 k
Ω
1%
R4
1.0
Ω
C11
100
µF
6.3 V
C12
100
µF
6.3 V
C13
1
µF
0805
36-75 VDC
L1
1
µH
2.5 A
L2
C1, C2
1
µF
100 V
D
L
S
X
F
C
U2
PC357N1T
PI-3650-072004
DPA-Switch
3.3 V, 5 A
RTN
Q2
Si4800
DY
R15
10
Ω
C10
100
µF
6.3 V
Q1
Si4800
DY
C4
4.7
µF
20 V
U2
D3
BAV19WS
U3
LM431AIM3
R9
220
Ω
R11
10.0 k
Ω
1%
R10
3.24 k
Ω
1%
R12
5.1
Ω
R7
10 k
Ω
C14
1
µF
C15
10
µF
10 V
C16
100 nF
R6
150
Ω
VIN
+
VIN
CONTROL
CONTROL


Similar Part No. - DI-37

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
180 W PC Main SFX Supply
DI-31 POWERINT-DI-31 Datasheet
54Kb / 2P
5 V, 70 W DC-DC Converter with Synchronous Rectification
logo
Contec Co., Ltd
DI-32B-PE CONTEC-DI-32B-PE Datasheet
320Kb / 4P
Opto-Isolation Digital Input for PCI Express
DI-32GY CONTEC-DI-32GY Datasheet
238Kb / 3P
F&eIT Series Isolated Digital Input Module
DI-32L-PE CONTEC-DI-32L-PE Datasheet
302Kb / 3P
Isolated Digital Input board for PCI Express
More results

Similar Description - DI-37

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS4T48-5 STMICROELECTRONICS-GS4T48-5 Datasheet
45Kb / 3P
4 W DC-DC CONVERTER
Jun-1994
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
2 W DC-DC CONVERTER
Jun-1994
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
logo
Wall Industries,Inc.
MPQ48S3.3-66R WALL-MPQ48S3.3-66R Datasheet
422Kb / 7P
66 W DC-DC Converter
MPQ48S3.3-83R WALL-MPQ48S3.3-83R Datasheet
401Kb / 7P
83 W DC-DC Converter
MPQ48S24-100 WALL-MPQ48S24-100 Datasheet
389Kb / 7P
100 W DC-DC Converter
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
8 W DC-DC Converter
RA2415UW8 WALL-RA2415UW8 Datasheet
411Kb / 11P
8 W DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com