Electronic Components Datasheet Search
  English  ▼

X  

TDA3629 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3629
Description  Light position controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3629 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3629 Datasheet HTML 4Page - NXP Semiconductors TDA3629 Datasheet HTML 5Page - NXP Semiconductors TDA3629 Datasheet HTML 6Page - NXP Semiconductors TDA3629 Datasheet HTML 7Page - NXP Semiconductors TDA3629 Datasheet HTML 8Page - NXP Semiconductors TDA3629 Datasheet HTML 9Page - NXP Semiconductors TDA3629 Datasheet HTML 10Page - NXP Semiconductors TDA3629 Datasheet HTML 11Page - NXP Semiconductors TDA3629 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1996 Sep 04
8
Philips Semiconductors
Product specification
Light position controller
TDA3629
CHARACTERISTICS
VP = 12 V; RL = 14 Ω. All voltages are defined with respect to ground. Positive currents flow into the device.
Values measured in Fig.10 with RSET = RFB = 20 kΩ; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP(min)
under voltage threshold
6
−
8
V
VP(max)
over voltage threshold
Tamb = 25 °C
18
−
22
V
Tamb = −40 to +105 °C
17.5
−
22.8
V
IP(ss)
supply current, steady state
note 1
−
−
6
mA
IP − Im
supply current, motor active
Im < 400 mA; note 2
−
−
40
mA
Im < 900 mA; note 2
−
−
80
mA
Setting input (SET)
VSET
operating voltage
1.5
−
0.95VP
V
ISET
input current
RSET > 20 kΩ
−250
−
+250
µA
VSET(sc)
wire short-circuited to ground
threshold
output stages switched off
−
−
1
V
wire short-circuited to battery
threshold
output stages switched off
VP
−
−
V
∆V
SET
broken ground set pull-up
note 3
−
−
160
mV
Feedback input (FB)
VFB
voltage
1.5
−
0.95VP
V
IFB(max)
maximum input current
RFB > 20 kΩ
−250
−
+250
µA
Motor outputs
V
m
output voltage
I
m < 700 mA;
Tamb = 25 °C; note 2
VP − 2.9 −
−
V
Im < 700 mA;
Tamb = −40 to +105 °C;
note 2
VP − 3.4 −
−
V
I
m
output current
VP ≥ 12.3 V;
Tamb = 25 °C; note 2
670
−
−
mA
VP ≥ 12.3 V;
Tamb = −40 to +105 °C;
note 2
635
−
−
mA
Reference current
I
SET
motor switch-on level
VP = 12 V
6
9
12
µA
VP = 18 V
9
13
17
µA
motor switch-off level
−
2.5
−
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com