Electronic Components Datasheet Search
  English  ▼

X  

TDA3629 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA3629
Description  Light position controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3629 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA3629 Datasheet HTML 14Page - NXP Semiconductors TDA3629 Datasheet HTML 15Page - NXP Semiconductors TDA3629 Datasheet HTML 16Page - NXP Semiconductors TDA3629 Datasheet HTML 17Page - NXP Semiconductors TDA3629 Datasheet HTML 18Page - NXP Semiconductors TDA3629 Datasheet HTML 19Page - NXP Semiconductors TDA3629 Datasheet HTML 20Page - NXP Semiconductors TDA3629 Datasheet HTML 21Page - NXP Semiconductors TDA3629 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1996 Sep 04
18
Philips Semiconductors
Product specification
Light position controller
TDA3629
Figs 15 to 17 show the layout of the immunity test board used for the evaluation.
Fig.14 Circuit diagram of the test board.
Feedback voltage setting J1: amount of voltage difference between J1 and SET input adjusted by potentiometer setting to <50 mV (see also Fig.13).
handbook, full pagewidth
C2
47 nF
+13 V
RFS
C3
47 nF
C1
100 nF
CONTROL
RFC
C4
47 nF
GND
RFG
R4
1.2 k
Ω
R5
820
Ω
R9
510
Ω
R8
510
Ω
R6
820
Ω
R7
1.2 k
Ω
20 k
Ω
15 k
Ω
R2
R1
FB
SET
FB
SET
n.c.
1
16
2
n.c.
10
IC1
TDA3629T
n.c.
3
n.c.
4
VP1
Vbat
5
D1
1N4005
J1
1
VP2
12
n.c.
15
n.c.
7
n.c.
8
n.c.
13
GND
9
C5
1.0 nF
D2
BZT03/C43
C6
47
µF
(50 V)
OUT2
OUT1
OUT2
OUT1
OUT2
OUT1
11
6
n.c.
14
MGE852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com