Electronic Components Datasheet Search
  English  ▼

X  

DI-116 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-116
Description  28 W Multiple Output Supply with <50 mW o-Load Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-116 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-116 Datasheet HTML 1Page - Power Integrations, Inc. DI-116 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-116
TinySwitch-III
28 W Multiple Output Supply with <50 mW
No-Load Consumption
Figure 1. 25 W, 28 W pk Multiple Output Supply Using TNY280P.
DI-116
September 2006
Application
Device
Power Output Input Voltage
Output Voltage
Topology
DVD / Set-top Box
TNY280P 25 W (28 W pk)
90-265 VAC
5 V / 12 V / -12 V / -24 V
Flyback
Design Highlights
• Simple, low cost, low parts count solution
• Low input power at no-load: <50 mW at 265 VAC
• Low standby power consumption: <90 mW input with
5 V, 5 mA load
• High efficiency: >74% at 90 VAC
• >10 dBµV EMI margin to EN55022B conducted EMI
limits, even with output connected to safety earth ground
• Simple output overvoltage latching shutdown circuit
protects load under fault conditions
• On-time extension provides 28 ms hold-up time
Operation
TheDVD orsettopboxsupplyshowninFigure1wasdesigned
as a Flyback converter using a TNY280P device (U1). In this
circuit, the 10 µF value of C4 selects the increased current
limit level of U1, which allows the supply to deliver up to
28 W of peak power during startup or load transients (opening
the DVD tray).
The internal MOSFET in U1 conducts current through the
primary winding of T1 during each enabled switching cycle.
When the primary current reaches the MOSFET current
limit, it turns off and the energy in T1 is transferred to the
secondary.
The primary clamp (D5, VR3, R1, R2 and C3) limits the
maximum peak drain voltage below the 700 V breakdown
voltage of the internal MOSFET.
Outputovervoltageprotection(OVP)isprovidedbyU2,R12,
R13,VR1 andVR2. If the feedback loop were to open circuit
due to a failure of U3, VR1 or VR2 would turn on U2 causing
the current into the BP/M pins of U1 to exceed 6.5 mA, and
U1 to latch off. The values of VR1 and VR2 determine the
output voltage at which this occurs. Once triggered, cycling
the AC power resets the OVP latch.
To reduce no-load input power and increase light-load
efficiency, resistor R3 feeds the supply current for U1 from
the auxiliary bias winding on the transformer.
D
S
EN/UV
BP/M
PI-4416-090606
U1
TNY280P
NC
2
3
8
6
7
10
9
4
5
TinySwitch-III
R2
200
Ω
1/2 W
R1
560
Ω
R3
100 k
Ω
R7
10
Ω
R4
10
Ω
R3
16
Ω
R8
56
Ω
R9
1 k
Ω
R10
3 k
Ω
R15
115 k
Ω
1%
R13
1 k
Ω
R12
100
Ω
U2-B
PC817D
U3-A
U2-A
U3-B
PC817D
R11
10
Ω
R14
15 k
Ω
1%
R16
10 k
Ω
1%
R6
10
Ω
C2
47
µF
400V
C3
1 nF
1 kV
C4
10
µF
50 V
C5
1
µF
100 V
C12
2.2
µF
50 V
C10
2200
µF
10 V
C7
680
µF
16 V
L2
3.3
µH
L1
10 mH
L3
3.3
µH
C8
220
µF
16 V
VR3
BZY97C200
200 V
D9
BAV20
D5
FR107
VR4
BZX79-
B8V2
8.2 V
VR1
1N5244B
14 V
U4
TL431
2%
VR2
BZX79-B4V7
4.7 V 2%
D10
BAV20
D8
SB530
D7 SB360
D6
BAV21
EE25
T1
C13
100 nF
50 V
C16
220 nF
50 V
C15
100 nF
50 V
C18
100 nF
50 V
C17
1
µF
50 V
C11
220
µF
10 V
C6
330 pF
100 V
C18
1 nF
250 VAC
C9
1 nF
50 V
C14
2.2
µF
50 V
C1
47
µF
400V
D1
1N4937
D2
1N4937
D3
1N4007GP
90-265
VAC
+12 V,
1.15 A
+5 V,
2.1 A
RTN
RTN
-12 V,
20 mA
-24 V,
15 mA
F1
2A
RV1
275 VAC
D4
1N4007GP
®


Similar Part No. - DI-116

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
DI-119 POWERINT-DI-119 Datasheet
536Kb / 2P
Cordless Phone Linear Adapter Replacement with 10 kV Surge Withstand
More results

Similar Description - DI-116

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-27 POWERINT-DI-27 Datasheet
51Kb / 2P
3 W AC Adapter: <10 mW No-load Consumption
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-33 POWERINT-DI-33 Datasheet
59Kb / 2P
Wide Range DVD Supply: <50 mW No-load Consumption
DI-39 POWERINT-DI-39 Datasheet
499Kb / 2P
13 W, Universal Input DVD Supply with 70 mW No-load
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
DI-122 POWERINT-DI-122 Datasheet
382Kb / 2P
13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com