Electronic Components Datasheet Search
  English  ▼

X  

DI-116 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-116
Description  28 W Multiple Output Supply with <50 mW o-Load Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-116 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-116 Datasheet HTML 1Page - Power Integrations, Inc. DI-116 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart,
Clampless, E-Shield, Filterfuse, PI Expert and PI FACTS are trademarks of Power Integrations, Inc.
Other trademarks are property of their respective companies. ©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
DI-89 DI-116
Rev. A 09/06
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
Table 1. Transformer Design Parameters.
Figure 2. Worst-Case Conducted EMI Results
(Output Connected to Safety Earth ground).
Key Design Points
• The primary clamp of D5, R1, VR3, R2 and C3 is an
optimized RCD clamp. During full load, VR3 limits the
maximum voltage across C3. At light-load or no-load, as
the effective switching frequency is reduced, VR3 prevents
C3 from discharging completely. This prevents the clamp
network from appearing as a significant load. The use of
a fast vs. ultra-fast diode for D5 improves efficiency by
recycling some of the leakage energy to the output.
• Select the value of VR1 and VR2 to limit the maximum
voltageduringanopenloopfault. ResistorR13provides
a bias current so that the Zeners are operated closer to
their test current. This bias current also acts as a pre-
load.
• For improved cross-regulation, feedback for the power
supply is provided from both the 5 V and 12 V output
into the voltage reference U4 via R14 and R15.
TRANSFORMER PARAMETERS
Core Material
EE25, N67 or equivalent, gap
for A
LG of 105 nH/T
2
Bobbin
5+5 pin vertical (Yih-Hwa YW-
360-02B)
Winding Details
Bias: 27T, 29 AWG
Primary: 105T, 32 AWG
Shield: 2T, 100 mm
× 9 mm ×
1 mil Cu foil
+5 V: 5T, 2
×
24 AWG T.I.W.
+12 V: 6T, 25 AWG T.I.W.
-12 V: 11T, 32 AWG T.I.W.
-24 V: 11 T, 32 AWG T.I.W.
Winding Order
(pin numbers)
1 mm tape margin, bias (4-
5), tape, primary (3-2), shield
(2-NC), tape, +5 V (6-7), +12 V
(8-6), tape, -12 V (7-10), -24 V
(10-9), tape
Inductance
Primary: 1.15 mH - 0/+10%
Leakage: 70
µH (max)
1.0
EN55022B Limits
0.15
10.0
100.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com