Electronic Components Datasheet Search
  English  ▼

X  

BFR96 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # BFR96
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

BFR96 Datasheet(HTML) 1 Page - Advanced Power Technology

  BFR96 Datasheet HTML 1Page - Advanced Power Technology BFR96 Datasheet HTML 2Page - Advanced Power Technology BFR96 Datasheet HTML 3Page - Advanced Power Technology BFR96 Datasheet HTML 4Page - Advanced Power Technology BFR96 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFR96
BFR96G
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Rev A 9/2005
* G Denotes RoHS Compliant, Pb Free Terminal Finish
DESCRIPTION: Designed primarily for use in high-gain, low noise, small-signal amplifiers. Also used in
applications requiring fast switching times.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
15
Vdc
VCBO
Collector-Base Voltage
20
Vdc
VEBO
Emitter-Base Voltage
3.0
Vdc
IC
Collector Current
100
mA
Thermal Data
P
D
Total Device Dissipation @ TC = 100ºC
Derate above 100ºC
500
10
mWatts
mW/ ºC
Macro T
(STYLE #2)
Features
•
High Current-Gain – Bandwidth Product, fT = 4.5 GHz (typ) @ IC = 50 mA
•
Low Noise Figure – NF = 2.4 dB (typ) @ f = 0.5 GHz
•
High Power Gain – Gmax = 14.5dB (typ) @ f = 0.5 GHz
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
RF & MICROWAVE DISCRETE
LOW POWER TRANSISTORS


Similar Part No. - BFR96

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BFR96 MICROSEMI-BFR96 Datasheet
171Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
List of Unclassifed Man...
BFR96 ETC1-BFR96 Datasheet
13Kb / 1P
N-P-N bipolar silicon RF transistor in plastic package SOT-37
logo
New Jersey Semi-Conduct...
BFR96 NJSEMI-BFR96 Datasheet
81Kb / 3P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Motorola, Inc
BFR96 MOTOROLA-BFR96 Datasheet
108Kb / 6P
The RF Line NPN SILICON HIGH-FREQUENCY TRANSISTOR
BFR96/D MOTOROLA-BFR96/D Datasheet
108Kb / 6P
The RF Line NPN SILICON HIGH-FREQUENCY TRANSISTOR
More results

Similar Description - BFR96

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 ADPOW-BFR91 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com