Electronic Components Datasheet Search
  English  ▼

X  

BFR96 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # BFR96
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

BFR96 Datasheet(HTML) 3 Page - Advanced Power Technology

  BFR96 Datasheet HTML 1Page - Advanced Power Technology BFR96 Datasheet HTML 2Page - Advanced Power Technology BFR96 Datasheet HTML 3Page - Advanced Power Technology BFR96 Datasheet HTML 4Page - Advanced Power Technology BFR96 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFR96
BFR96G
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Rev A 9/2005
FUNCTIONAL
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
NF
Noise Figure
(IC = 10 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
-
2.0
-
dB
|S21|
2
Insertion Gain
(IC = 50 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
12
13
-
dB
MSG
Maximum Stable Gain
(IC = 50 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
-
16.5
-
dB
G
U max
Maximum Unilateral Gain (1)
(IC = 50 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
-
14.5
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 10 V, IC = 50 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
0.388
-130
21
112
0.029
66
0.416
-54
200
0.422
-158
11
94
0.046
89
0.277
-71
300
0.432
-168
7.5
86
0.064
72
0.229
-79
500
0.447
178
4.6
75
0.103
75
0.224
-92
700
0.454
170
3.4
65
0.144
74
0.246
-100
800
0.462
167
3
61
0.165
74
0.26
-103
1000
0.479
159
2.5
53
0.212
72
0.284
-112
1500
0.470
138
1.8
32
0.333
66
0.375
-134



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com