Electronic Components Datasheet Search
  English  ▼

X  

TDA3668AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3668AT
Description  Very low dropout voltage/quiescent current 5 V regulator with overvoltage switch off
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3668AT Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3668AT Datasheet HTML 1Page - NXP Semiconductors TDA3668AT Datasheet HTML 2Page - NXP Semiconductors TDA3668AT Datasheet HTML 3Page - NXP Semiconductors TDA3668AT Datasheet HTML 4Page - NXP Semiconductors TDA3668AT Datasheet HTML 5Page - NXP Semiconductors TDA3668AT Datasheet HTML 6Page - NXP Semiconductors TDA3668AT Datasheet HTML 7Page - NXP Semiconductors TDA3668AT Datasheet HTML 8Page - NXP Semiconductors TDA3668AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2000 Feb 01
3
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
5 V regulator with overvoltage switch off
TDA3668AT
BLOCK DIAGRAM
handbook, halfpage
MGS588
REGULATOR
2, 3, 6, 7
1
GND
8
REG
VP
BAND GAP
TDA3668AT
THERMAL
PROTECTION
Fig.1 Block diagram.
PINNING
Note
1. For the SO8 package all GND pins are connected to
the lead frame and can also be used to reduce the total
thermal resistance Rth(j-a) by soldering these pins to a
ground plane. The ground plane on the top side of the
Printed-Circuit Board (PCB) acts like a heat spreader.
SYMBOL
PIN
DESCRIPTION
REG
1
regulator output
GND
2, 3, 6, and 7
ground; note 1
n.c.
4 and 5
not connected
VP
8
supply voltage
handbook, halfpage
1
2
3
4
8
7
6
5
MGS589
TDA3668AT
VP
GND
GND
GND
n.c.
n.c.
GND
REG
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com