Electronic Components Datasheet Search
  English  ▼

X  

AD2430 Datasheet(PDF) 1 Page - Analog Devices

Part # AD2430
Description  Automotive Audio Bus (A2B) Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2430 Datasheet(HTML) 1 Page - Analog Devices

  AD2430 Datasheet HTML 1Page - Analog Devices AD2430 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A2B and the A2B logo are registered trademarks of Analog Devices, Inc.
Automotive Audio Bus (A2B) Transceiver
AD2430/AD2438
Rev. Sp0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887 U.S.A.
©2022 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
A2B BUS FEATURES
Line topology
Single main node, up to 16 subordinate nodes
Up to 15 m between nodes and up to 80 m overall cable
length
Communication over distance
Synchronous data
Multichannel I
2S/TDM to I2S/TDM
Clock synchronous, phase-aligned in all nodes
Low latency subordinate-to-subordinate
communication
Control and status information I2C to I2C
GPIO over distance
Bus power or local power subordinate nodes
Configurable with SigmaStudio+ graphical software tool
AEC-Q100 qualified for automotive applications
BASELINE A2B TRANSCEIVER FEATURES
Configurable as A
2B main or last subordinate nodes
Programmable via I
2C interface
8-bit to 32-bit multichannel I
2S/TDM interface
I2S/TDM/PDM programmable data rate
I2C mailbox
PDM inputs for 4 high dynamic range microphones on main
or subordinate nodes
Support for receiving I
2S/TDM data on nodes with up to
4 PDM microphones
Unique ID register for each transceiver
Support for crossover or straight-through cabling
Programmable settings to optimize EMC performance
AD2430/AD2438 TRANSCEIVER ENHANCEMENTS
Cable diagnostics with integrated line power switches
Supports 3.3 V input at VIN in low voltage input (LVI) mode
for local powered subordinate node
Dedicated hardware reset pin
I2S/TDM crossbar switch
Flexible mapping of Tx/Rx TDM channel data to A2B slots
Support for I2C fast mode plus (1 MHz)
Support for in-cabin LED control using 4 PWM outputs
8 GPIO pins with configurable pin mapping
AUTOMOTIVE APPLICATIONS
Hands free/speech recognition
Microphone arrays
In-car telematics and emergency call systems
Overhead consoles
In-car communications
Figure 1. Functional Block Diagram
TRX
LINE DIAGNOSTICS
WITH INTEGRATED
SWITCHES
PWM
I2C
PLL
VREG1
VREG2
I2S / TDM
PDM
GPIO
IRQ


Similar Part No. - AD2430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2431 AD-AD2431 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
AD2432 AD-AD2432 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
AD2433 AD-AD2433 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
AD2435 AD-AD2435 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
AD2437 AD-AD2437 Datasheet
2Mb / 42P
A2B Transceiver
Rev. 0
More results

Similar Description - AD2430

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Texas Instruments
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
logo
Analog Devices
AD2401 AD-AD2401 Datasheet
206Kb / 2P
Automotive Audio Bus Transceiver
AD2421W AD-AD2421W Datasheet
193Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2426W AD-AD2426W Datasheet
161Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2420 AD-AD2420 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
1/2020-Rev. A to Rev. B
logo
TDK Electronics
MPZ2012-J TDK-MPZ2012-J Datasheet
171Kb / 4P
Chip beads For A2B
logo
Analog Devices
AD2420 AD-AD2420_V01 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
Rev. C
AD2420 AD-AD2420_V02 Datasheet
1Mb / 38P
Automotive Audio Bus (A2B) Transceiver
Rev. D
AD2431 AD-AD2431 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com