Electronic Components Datasheet Search
  English  ▼

X  

AD2430 Datasheet(PDF) 2 Page - Analog Devices

Part # AD2430
Description  Automotive Audio Bus (A2B) Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2430 Datasheet(HTML) 2 Page - Analog Devices

  AD2430 Datasheet HTML 1Page - Analog Devices AD2430 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. Sp0
|
Page 2 of 2
|
December 2022
AD2430/AD2438
©2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
 I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
GENERAL DESCRIPTION
The Automotive Audio Bus (A2B
®) provides a multichannel,
I2S/TDM link over distances of up to 15 m between nodes. It
embeds bidirectional synchronous pulse-code modulation
(PCM) data (for example, digital audio), clock, and synchroni-
zation signals onto a single unshielded twisted pair (UTP) dif-
ferential cable. A2B supports a direct point to point connection
and allows multiple, daisy-chained nodes at different locations
to contribute and/or consume time division multiplexed
channel content.
A2B is a single-main, multiple-subordinate node system where
the transceiver at the host controller is the main transceiver. The
main node generates clock, synchronization, and framing for all
subordinate nodes. The main A2B transceiver chip is program-
mable over a control bus (I2C) for configuration and read back.
An extension of this control bus is embedded in the A2B data
stream, which grants direct access to registers and status infor-
mation on subordinate node transceivers, as well as I2C to I2C
communication from the host to a peripheral in a subordinate
node.
The transceiver can connect directly to general-purpose digital
signal processors (DSPs) or microprocessors, field-programma-
ble gate arrays (FPGAs), application-specific integrated circuits
(ASICs), microphones, analog-to-digital converters (ADCs),
digital-to-analog converters (DACs), and codecs through a mul-
tichannel I2S/TDM interface. It also provides a pulse density
modulation (PDM) interface for direct connection of up to four
PDM digital microphones. The transceiver’s pulse width modu-
lated (PWM) outputs can control LED drivers or voltage
regulators. GPIO status and control is directly conveyed
between nodes.
Additionally, the transceiver also supports an A2B bus powering
feature, where the main node supplies voltage and current to the
subordinate nodes over the same daisy-chained, twisted pair
wire cable as used for the communication link.
Complete technical specifications are available for the A2B
transceiver. Contact your nearest Analog Devices sales office to
complete the nondisclosure agreement (NDA) required to
receive additional product information.
Table 1. Product Comparison Guide
Feature
AD2430
AD2438
Main capable/subordinate capable
Yes/Yes
1
Yes/No
Maximum number subordinate nodes2 2
Specification defined by the most restrictive device data
sheet in systems with AD2421, AD2422, AD2425, AD2426,
AD2427, AD2428, AD2430, AD2431, AD2432, AD2433, or
AD2435
Functional TRX blocks
1
1
Maximum number audio channels
Up to 7 slots
Up to 64 slots with maximum of 32 slots in one direction
I2S/TDM support
Yes
Yes
PDM microphone inputs
4 mics
4 mics
PWM support
Yes
Yes
Available A
2B bus power
Up to 700 mW
Up to 700 mW
Maximum node to node cable length
Up to 15 m
Up to 15 m
Package
32-lead LFCSP
32-lead LFCSP
1 Last subordinate node only.
2 Interoperable with AD242x and AD243x products. Refer to the respective product data sheet for further details. Specification defined by the most restrictive device data sheet
in systems with AD2421, AD2422, AD2425, AD2426, AD2427, AD2428, AD2430, AD2431, AD2432, AD2433, or AD2435.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com