Electronic Components Datasheet Search
  English  ▼

X  

AD2428BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD2428BCPZ
Description  Automotive Audio Bus (A2B) Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD2428BCPZ Datasheet HTML 9Page - Analog Devices AD2428BCPZ Datasheet HTML 10Page - Analog Devices AD2428BCPZ Datasheet HTML 11Page - Analog Devices AD2428BCPZ Datasheet HTML 12Page - Analog Devices AD2428BCPZ Datasheet HTML 13Page - Analog Devices AD2428BCPZ Datasheet HTML 14Page - Analog Devices AD2428BCPZ Datasheet HTML 15Page - Analog Devices AD2428BCPZ Datasheet HTML 16Page - Analog Devices AD2428BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Rev. F
|
Page 13 of 38
|
November 2023
AD2426/AD2427/AD2428
Table 6. I2C Port Timing
Parameter
Min
Typ
Max
Unit
Timing Requirements
fSCL
SCL Clock Frequency
0
400
kHz
tSCLH
SCL Pulse Width High
0.6
μs
tSCLL
SCL Pulse Width Low
1.3
μs
tSCS
Start and Repeated Start Condition Setup Time
0.6
μs
tSCH
Start Condition Hold Time
0.6
μs
tSPS
Stop Condition Hold Time
0.6
μs
tDS
Data Setup Time
100
ns
tDH
Data Hold Time
0.0
0.9
μs
tSCLR
SCL Rise Time
300
ns
tSCLF
SCL Fall Time
300
ns
tSDR
SDA Rise Time
300
ns
tSDF
SDA Fall Time
300
ns
tBFT
Bus-Free Time Between Stop and Start
1.3
μs
Figure 10. I2C Port Timing
S
Sr
SDA
SCL
P
S
tSCLR
tSCLF
tSCLL
tSCH
tDH
tSCLH
tDS
tSPS
tBFT
tSCS
tSDR
tSDF
tSCS
tSCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com