Electronic Components Datasheet Search
  English  ▼

X  

AD2428BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD2428BCPZ
Description  Automotive Audio Bus (A2B) Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD2428BCPZ Datasheet HTML 17Page - Analog Devices AD2428BCPZ Datasheet HTML 18Page - Analog Devices AD2428BCPZ Datasheet HTML 19Page - Analog Devices AD2428BCPZ Datasheet HTML 20Page - Analog Devices AD2428BCPZ Datasheet HTML 21Page - Analog Devices AD2428BCPZ Datasheet HTML 22Page - Analog Devices AD2428BCPZ Datasheet HTML 23Page - Analog Devices AD2428BCPZ Datasheet HTML 24Page - Analog Devices AD2428BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
AD2426/AD2427/AD2428
Rev. F
|
Page 21 of 38
|
November 2023
The 32-lead LFCSP_SS package requires thermal trace squares
and thermal vias to an embedded ground plane in the PCB. The
exposed paddle must connect to ground for proper operation to
data sheet specifications. Refer to JEDEC standard JESD51-5 for
more information.
ESD CAUTION
TEST CIRCUITS AND SWITCHING
CHARACTERISTICS
Figure 20 shows a line driver voltage measurement circuit of the
differential line driver and receiver AP/AN and BP/BN pins.
OUTPUT DRIVE CURRENTS
Figure 21 through Figure 26 show typical current voltage char-
acteristics for the output drivers of the transceiver. The curves
represent the current drive capability of the output drivers as a
function of output voltage. Drive Strength 0 is DS0, Drive
Strength 1 is DS1, controlled via the PINCFG register.
Note the following:
•I2C pins only support high drive strength (DS1).
• Digital I/Os include BCLK, SYNC, IRQ/IO0, ADR1/IO1,
ADR2/IO2, DTX0/IO3, DTX1/IO4, DRX0/IO5,
DRX1/IO6, PDMCLK/IO7 pins.
Table 14. Thermal Characteristics
Parameter
Conditions
Typical (°C/W)
JA
Airflow = 0 m/s
31.6
JMA
Airflow = 1 m/s
28.8
JMA
Airflow = 2 m/s
28.1
JC
Airflow = 0 m/s
4.6
JB
Airflow = 0 m/s
14.7
JT
Airflow = 0 m/s
0.20
JT
Airflow = 1 m/s
0.27
JT
Airflow = 2 m/s
0.30
Figure 20. Differential Line Driver Voltage Measurement
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.
VOD
AP/BP
AN/BN
Figure 21. Digital I/O Drivers (DS0, 1.8 V IOVDD)
Figure 22. Digital I/O Drivers (DS0, 3.3 V IOVDD)
Figure 23. I2C Drivers (1.8 V IOVDD)
– 2.0
0
0.4
0.8
1.2
2.0
4
– 6.0
VOL
IOVDD = 1.9V @ – 40°C
IOVDD = 1.8V @ 25°C
0
IOVDD = 1.7V @ 125°C
– 4.0
– 8.0
2
1.6
0.2
0.6
1
1.4
1.8
SOURCE VOLTAGE (V)
8
6
VOH
0
0
1.0
2.0
3.0
4.0
– 20
VOL
10
IOVDD = 3.6V @ – 40°C
IOVDD = 3.3V @ 25°C
IOVDD = 3.0V @ 125°C
– 10
– 30
20
0.5
1.5
2.5
3.5
SOURCE VOLTAGE (V)
30
VOH
– 1.5
0
0.4
0.8
1.2
2.0
0
– 2.5
VOL
IOVDD = 1.9V @ – 40°C
IOVDD = 1.8V @ 25°C
– 1.0
IOVDD = 1.7V @ 125°C
– 2.0
– 3.0
– 0.5
1.6
0.2
0.6
1
1.4
1.8
SOURCE VOLTAGE (V)
– 3.5
– 4.5
– 4.0
– 5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com