Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3041
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3041 Datasheet HTML 16Page - Analog Devices LT3041 Datasheet HTML 17Page - Analog Devices LT3041 Datasheet HTML 18Page - Analog Devices LT3041 Datasheet HTML 19Page - Analog Devices LT3041 Datasheet HTML 20Page - Analog Devices LT3041 Datasheet HTML 21Page - Analog Devices LT3041 Datasheet HTML 22Page - Analog Devices LT3041 Datasheet HTML 23Page - Analog Devices LT3041 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
20 of 38
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C, unless noted otherwise.
Figure 46. IN PSRR
Figure 47. BIAS PSRR
Figure 48. BIAS PSRR
Figure 49. BIAS PSRR
Figure 50. Noise Spectral Density
Figure 51. Noise Spectral Density
VOUT = 4.2V
VIN = 4.5V
ILOAD = 3A
VBIAS = 5.4V
COUT = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
130
VOUT = 1V
VIN = 1.3V
VBIAS = 5V
COUT = 22µF
CBIASF = 2.2µF
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
130
VOUT = 0.5V
VIN = 0.8V
ILOAD = 3A
VBIAS = 2.45V
COUT = 22µF
CBIASF = 2.2µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
130
VOUT = 4.2V
VIN = 4.5V
ILOAD = 3A
VBIAS = 5.4V
COUT = 22µF
CBIASF = 2.2µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
130
VOUT = 1V
VIN = 1.3V
VBIAS = 3.3V
COUT = 22µF
CREF = 4.7µF
ILOAD = 3A
ILOAD = 2A
ILOAD = 1A
ILOAD = 0.5A
ILOAD = 10mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
VOUT = 1V
VIN = 1.3V
VBIAS = 3.3V
COUT = 22µF
ILOAD = 3A
CREF = 22µF
CREF = 10µF
CREF = 4.7µF
CREF = 1µF
CREF = 0.47µF
CREF = 0.1µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com