Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3041
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3041 Datasheet HTML 17Page - Analog Devices LT3041 Datasheet HTML 18Page - Analog Devices LT3041 Datasheet HTML 19Page - Analog Devices LT3041 Datasheet HTML 20Page - Analog Devices LT3041 Datasheet HTML 21Page - Analog Devices LT3041 Datasheet HTML 22Page - Analog Devices LT3041 Datasheet HTML 23Page - Analog Devices LT3041 Datasheet HTML 24Page - Analog Devices LT3041 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
21 of 38
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C, unless noted otherwise.
Figure 52. Noise Spectral Density
Figure 53. Noise Spectral Density
Figure 54. Integrated RMS Output Noise (10Hz to 100kHz)
Figure 55. Integrated RMS Output Noise (10Hz to 100kHz)
Figure 56. Integrated RMS Output Noise (10Hz to 100kHz)
Figure 57. Output Noise (10Hz to 100kHz)
VIN = VOUT + 0.3V
VBIAS = 5V
COUT = 22µF
ILOAD = 3A
CREF = 4.7µF
VOUT = 0.5V
VOUT = 1V
VOUT = 3.3V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
VIN = 1.3V
VBIAS = 5V
VOUT = 1V
ILOAD = 3A
CREF = 4.7µF
COUT = 10µF
COUT = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
VIN = 1.3V
VOUT = 1V
VBIAS = 3.3V
CREF = 4.7µF
COUT = 22µF
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.4
0.8
1.2
1.6
2.0
VIN = VOUT + 0.3V
IOUT = 3A
VBIAS = 5.5V
CREF = 4.7µF
COUT = 22µF
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
0
0.4
0.8
1.2
1.6
2.0
VIN = 1.3V
IOUT = 3A
VOUT = 1V
VBIAS = 5.5V
COUT = 22µF
REF PIN CAPACITANCE (µF)
0.01
0.1
1
10
100
0
0.8
1.6
2.4
3.2
4.0
VIN = 1.3V
VOUT = 1V
CREF = 4.7µF
COUT = 22µF
ILOAD = 3A
1ms/DIV
5µV/DIV
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com