Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 85 Page - Analog Devices

Part # LTM4675
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 85 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 81Page - Analog Devices LTM4675 Datasheet HTML 82Page - Analog Devices LTM4675 Datasheet HTML 83Page - Analog Devices LTM4675 Datasheet HTML 84Page - Analog Devices LTM4675 Datasheet HTML 85Page - Analog Devices LTM4675 Datasheet HTML 86Page - Analog Devices LTM4675 Datasheet HTML 87Page - Analog Devices LTM4675 Datasheet HTML 88Page - Analog Devices LTM4675 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
85
LTM4682
Rev. 0
For more information www.analog.com
ON_OFF_CONFIG
The ON_OFF_CONFIG command specifies the combination of the RUNn pin input state and PMBus commands needed
to turn the PWM channel on and off.
Supported Values:
VALUE
MEANING
0x1F
The OPERATION value and RUNn pin must both command the device to start/run. The device executes immediate off when commanded
off.
0x1E
The OPERATION value and RUNn pin must both command the device to start/run. The device uses TOFF_ command values when
commanded off.
0x17
RUNn pin control with immediate off when commanded off. OPERATION on/off control ignored.
0x16
RUNn pin control using TOFF_ command values when commanded off. OPERATION on/off control ignored.
Programming an unsupported ON_OFF_CONFIG value will generate a CML fault, and the command will be ignored.
This command has one data byte.
OPERATION
The OPERATION command is used to turn the unit on and off in conjunction with the input from the RUNn pins. It
is also used to cause the unit to set the output voltage to the upper or lower MARGIN VOLTAGEs. The unit stays in
the commanded operating mode until a subsequent OPERATION command or change in the state of the RUNn pin
instructs the device to change to another mode. If the part is stored in the MARGIN_LOW/HIGH state, the next RESET
or POWER_ON cycle will ramp to that state. If the OPERATION command is modified, for example, ON is changed
to MARGIN_LOW, the output will move at a fixed slope set by the VOUT_TRANSITION_RATE. The default operation
command is Sequence Off. If the VIN is applied to a part with factory default programming and the VOUT_CONFIG
resistor configuration pins are not installed, the outputs will be commanded off.
The part defaults to the Sequence Off state.
This command has one data byte.
Supported Values:
VALUE
MEANING
0xA8
Margin high.
0x98
Margin low.
0x80
On (VOUT back to nominal even if bit 3 of ON_OFF_CONFIG is not set).
0x40*
Soft off (with sequencing).
0x00*
Immediate off (no sequencing).
*Device does not respond to these commands if bit 3 of ON_OFF_CONFIG is not set.
Programming an unsupported OPERATION value will generate a CML fault, and the command will be ignored.
This command has one data byte.
MFR_RESET
This command provides a means to reset the LTM4682 from the serial bus. This forces the LTM4682 to turn off both
PWM channels, load the operating memory from internal EEPROM, clear all faults and then perform a soft-start of
both PWM channels if enabled.
This write-only command has no data bytes.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com