Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 97 Page - Analog Devices

Part # LTM4675
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 97 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 93Page - Analog Devices LTM4675 Datasheet HTML 94Page - Analog Devices LTM4675 Datasheet HTML 95Page - Analog Devices LTM4675 Datasheet HTML 96Page - Analog Devices LTM4675 Datasheet HTML 97Page - Analog Devices LTM4675 Datasheet HTML 98Page - Analog Devices LTM4675 Datasheet HTML 99Page - Analog Devices LTM4675 Datasheet HTML 100Page - Analog Devices LTM4675 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 130 page
background image
97
LTM4682
Rev. 0
For more information www.analog.com
In response to the OT_WARN_LIMIT being exceeded, the device:
• Sets the TEMPERATURE bit in the STATUS_BYTE
• Sets the Overtemperature Warning bit in the STATUS_TEMPERATURE command, and
• Notifies the host by asserting ALERT pin, unless masked
This command has two data bytes and is formatted in Linear_5s_11s format.
UT_FAULT_LIMIT
The UT_FAULT_LIMIT command sets the value of the power stage temperature measured by the ADC, in degrees Celsius,
which causes an undertemperature fault. The READ_TEMPERATURE_1 value will be used to determine if this limit has been
exceeded.
Note: If the temperature sensors are not installed, the UT_FAULT_LIMIT can be set to –275°C and the UT_FAULT_LIMIT
response set to ignore to avoid ALERT being asserted.
This command has two data bytes and is formatted in Linear_5s_11s format.
TIMING
Timing—On Sequence/Ramp
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
TON_DELAY
0x60
Time from RUN and/or Operation on to
output rail turn-on.
R/W Word
Y
L11
ms
Y
0.0
0x8000
TON_RISE
0x61
Time from when the output rises until
the output voltage reaches the VOUT
commanded value.
R/W Word
Y
L11
ms
Y
3.0
0xC300
TON_MAX_FAULT_LIMIT
0x62
Maximum time from the start of
TON_RISE for VOUT to cross the
VOUT_UV_FAULT_LIMIT.
R/W Word
Y
L11
ms
Y
5.0
0xCA80
VOUT_TRANSITION_RATE
0x27
Rate the output changes when VOUT is
commanded to a new value.
R/W Word
Y
L11
V/ms
Y
0.25
0xD010
TON_DELAY
The TON_DELAY command sets the time, in milliseconds, from when a start condition is received until the output
voltage rises. Values from 0ms to 83 seconds are valid. The resulting turn-on delay will have a typical delay of 270µs
for TON_DELAY = 0 and an uncertainty of ±50µs for all values of TON_DELAY.
This command has two data bytes and is formatted in Linear_5s_11s format.
TON_RISE
The TON_RISE command sets the time, in milliseconds, from the time the output starts to rise to the time the output
enters the regulation band. Values from 0 to 1.3 seconds are valid. The part will be in discontinuous mode during
TON_RISE events. If TON_RISE is less than 0.25ms, the LTM4682 digital slope will be bypassed, and the output voltage
transition will only be controlled by the analog performance of the PWM switcher. The number of steps in TON_RISE
is equal to TON_RISE (in ms)/0.1ms with an uncertainty of ±0.1ms.
This command has two data bytes and is formatted in Linear_5s_11s format.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com