Electronic Components Datasheet Search
  English  ▼

X  

MAX7377AXRH Datasheet(PDF) 4 Page - Analog Devices

Part # MAX7377AXRH
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7377AXRH Datasheet(HTML) 4 Page - Analog Devices

  MAX7377AXRH Datasheet HTML 1Page - Analog Devices MAX7377AXRH Datasheet HTML 2Page - Analog Devices MAX7377AXRH Datasheet HTML 3Page - Analog Devices MAX7377AXRH Datasheet HTML 4Page - Analog Devices MAX7377AXRH Datasheet HTML 5Page - Analog Devices MAX7377AXRH Datasheet HTML 6Page - Analog Devices MAX7377AXRH Datasheet HTML 7Page - Analog Devices MAX7377AXRH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
(VCC = 5V, TA = +25°C, unless otherwise noted.)
FREQUENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
3.92
3.94
3.96
3.98
4.00
4.02
4.04
4.06
4.08
4.10
3.90
4.3
5.5
CLOCK = 4MHz
FREQUENCY vs. TEMPERATURE
TEMPERATURE (ºC)
120
95
45
70
-5
20
-30
32.1
32.2
32.3
32.4
32.5
32.6
32.7
32.8
32.9
33.0
32.0
-55
CLOCK = 32kHz
FREQUENCY vs. TEMPERATURE
TEMPERATURE (ºC)
120
95
45
70
-5
20
-30
3.92
3.94
3.96
3.98
4.00
4.02
4.04
4.06
4.08
4.10
3.90
-55
CLOCK = 4MHz
40ns/div
CLOCK
MAX7377 toc13
CLOCK OUTPUT WAVEFORM (CL = 10pF)
f = 4MHz, CL = 10pF
40ns/div
CLOCK
MAX7377 toc14
CLOCK OUTPUT WAVEFORM (CL = 50pF)
f = 4MHz, CL = 50pF
40ns/div
CLOCK
MAX7377 toc15
CLOCK OUTPUT WAVEFORM (CL = 100pF)
f = 4MHz, CL = 100pF
20µs/div
MAX7377 toc16
HIGH-SPEED TO LOW-SPEED
TRANSITION
400ns/div
MAX7377 toc17
HIGH-SPEED TO LOW-SPEED
TRANSITION (EXPANDED SCALE)
Analog Devices │ 4
www.analog.com
MAX7377
Silicon Oscillator with Low-Power
Frequency Switching
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com