Electronic Components Datasheet Search
  English  ▼

X  

MAX7377AXRH Datasheet(PDF) 2 Page - Analog Devices

Part # MAX7377AXRH
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7377AXRH Datasheet(HTML) 2 Page - Analog Devices

  MAX7377AXRH Datasheet HTML 1Page - Analog Devices MAX7377AXRH Datasheet HTML 2Page - Analog Devices MAX7377AXRH Datasheet HTML 3Page - Analog Devices MAX7377AXRH Datasheet HTML 4Page - Analog Devices MAX7377AXRH Datasheet HTML 5Page - Analog Devices MAX7377AXRH Datasheet HTML 6Page - Analog Devices MAX7377AXRH Datasheet HTML 7Page - Analog Devices MAX7377AXRH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VCC to GND .............................................................-0.3V to +6V
All Other Pins to GND ................................-0.3V to (VCC + 0.3V)
CLOCK Current ................................................................±10mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23
(derate 7.1mW/°C above +70°C) ...................571mW (U5 - 2)
Operating Temperature Range...........................-40°C to +135°C
Junction Temperature.......................................................+150°C
Storage Temperature Range..............................-60°C to +150°C
Lead Temperature (soldering, 10s)..................................+300°C
(VCC = 2.7V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = 5V and TA = +25°C.) (Note 1)
Note 1: All parameters are tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: The frequency is determined by part number selection. See Table 1.
Note 3: Guaranteed by design. Not production tested.
Note 4: Guaranteed by design. Part will function outside tested range.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VCC
2.7
5.5
V
Operating Supply Current
ICC
fCLOCK = 8MHz, no load
3
5
mA
fCLOCK = 32.768kHz, no load
13
25
µA
Operating Supply Voltage Ramp
VRAMP
(Note 4)
10
1000
µs
LOGIC INPUT (SPEED)
Input High Voltage
VIH
0.7 x VCC
V
Input Low Voltage
VIL
0.3 x VCC
V
Input Current
IIN
2
µA
CLOCK OUTPUT
Output High Voltage
VOH
VCC = 4.5V, ISOURCE = 9mA
VCC - 0.4
V
VCC = 2.7V, ISOURCE = 2.5mA
VCC - 0.4
Output Low Voltage
VOL
VCC = 4.5V, ISINK = 20mA
0.4
V
VCC = 2.7V, ISINK = 10mA
0.4
Initial Fast CLOCK Frequency
Accuracy
fFCLOCK
VCC = 5V, TA = +25°C (Note 2)
-2
+2
%
VCC = 2.7V to 5.5V, TA = +25°C
-4
+4
Fast CLOCK Frequency
Temperature Sensitivity
(Note 3)
±50
±325
ppm/°C
Initial Slow CLOCK Frequency
Accuracy
fSCLOCK
VCC = 5V, TA = +25°C (Note 2)
32.440 32.768 33.096
kHz
VCC = 2.7V to 5.5V, TA = +25°C
31.785
33.751
Slow CLOCK Frequency
Temperature Sensitivity
(Note 3)
±50
±325
ppm/oC
CLOCK Output Duty Cycle
43
50
57
%
CLOCK Output Jitter
Observation of 8MHz output for
20s using a 500MHz oscilloscope
160
psP-P
CLOCK Output Rise Time
tR
10% to 90%
5
ns
CLOCK Output Fall Time
tF
90% to 10%
5
ns
Startup Delay
VCC rising from 0 to 5V in 1µs
100
µs
CLOCK Output Enable
VCC rising
2.49
2.57
2.70
V
Output Undervoltage Lockout
Hysteresis
VTHYS
45
mV
www.analog.com
Analog Devices │ 2
MAX7377
Silicon Oscillator with Low-Power
Frequency Switching
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com