Electronic Components Datasheet Search
  English  ▼

X  

EM5201AV Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM5201AV
Description  Ultra-low Resistance with Quick Rising Time Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5201AV Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM5201AV Datasheet HTML 1Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 2Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 3Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 4Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 5Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 6Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 7Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 8Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2020/03/30
A.5
3
EM5201A
Electrical Characteristics
VBIAS= VON =3V to 5.5V, VIN=VBIAS-2V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Power Supplies and Currents Section
Input supply voltage
VIN
VON = 5V
0.8
VBIAS-2
V
VBIAS Supply Voltage
VBIAS
3
5.5
V
Maximum continuous current
ID
VON = 5V
8
A
VBIAS quiescent current
IQ-BAIAS IOUT = 0, VIN = 3V
20
uA
VBIAS shutdown current
ISD-BAIAS VON = 0V;VOUT = 0V
1
uA
VIN shutdown current
ISD-IN
VON = 0V;VOUT = 0V
1
uA
High-level input voltage
vON-H
1.2
V
Low-level input voltage
vON-L
0.6
V
ON pin leakage current
ION
VON = 5.5V
1
uA
Resistance Section
ON-state Resistance
RON
Io=1A,
VBIAS = 3V to 5.5V
VIN=VBIAS-1.5V
6.5
7.8
mΩ
Output Pull-down Resistance
RPD
VIN = 5.0V, VON = 0V, IOUT = 5mA
250
350
Ω
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2.
JA is measured in the natural convection at TA=25oC on a low effective thermal conductivity test board (Single layout,
1S) of JEDEC 51-3 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com