Electronic Components Datasheet Search
  English  ▼

X  

EM5201AV Datasheet(PDF) 11 Page - Excelliance MOS Corp.

Part # EM5201AV
Description  Ultra-low Resistance with Quick Rising Time Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5201AV Datasheet(HTML) 11 Page - Excelliance MOS Corp.

Back Button EM5201AV Datasheet HTML 4Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 5Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 6Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 7Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 8Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 9Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 10Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 11Page - Excelliance MOS Corp. EM5201AV Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2020/03/30
A.5
11
EM5201A
EM
5201A
ABCDEFG
1
Ordering & Marking Information
Device Name: EM5201AV for DFN3.0X3.0-08
Outline Drawing
Dimension in mm
Dimension
A
A1
A3
b
D
E
D2
E2
e
H
K
L
L1
R
Min.
0.7
0.00
0.2 REF
0.3
2.9
2.9
1.5
2.3
0.55
0.3REF
0.2
0.3
0.12
0.16
Typ.
0.75
0.02
0.35
3.0
3.0
1.6
2.4
0.65
0.3
0.4
0.22
Max.
0.8
0.05
0.4
3.1
3.1
1.7
2.5
0.75
0.4
0.5
0.32
Recommended minimum pads
1.6
2.25
0.3
0.65
2.4
1
EM5201AV Device Name
ABCDEFG: Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com