Electronic Components Datasheet Search
  English  ▼

X  

EMBA5N10AS Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EMBA5N10AS
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBA5N10AS Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EMBA5N10AS Datasheet HTML 1Page - Excelliance MOS Corp. EMBA5N10AS Datasheet HTML 2Page - Excelliance MOS Corp. EMBA5N10AS Datasheet HTML 3Page - Excelliance MOS Corp. EMBA5N10AS Datasheet HTML 4Page - Excelliance MOS Corp. EMBA5N10AS Datasheet HTML 5Page - Excelliance MOS Corp. EMBA5N10AS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2019/10/2
p.3
EMBA5N10AS
V - Drain-Source Voltage( V )
0
0
10
DS
4
8
5.0V
VGS = 10V
20
30
7.0V
4.5V
12
16
20
On-Region Characteristics
50
40
On-Resistance Variation with Drain Current and Gate Voltage
5.0 V
1.6
0.8
0
1.2
1.0
1.4
8
16
2.2
1.8
2.0
2.4
24
32
7.0 V
10 V
40
I - Drain Current( A )
D
VGS = 4.5 V
On-Resistance Variation with Temperature
T - Junction Temperature (°C)
0.4
-50
0.7
1.0
0
J
-25
25
D
I = 8A
V
= 10V
1.3
1.6
1.9
GS
125
50
75
100
150
On-Resistance Variation with Gate-Source Voltage
TA = 125°C
V - Gate-Source Voltage( V )
0.03
2
0.06
0.12
0.09
GS
4
6
TA = 25°C
0.24
0.18
0.15
0.21
0.27
8
10
ID = 5 A
T = -55°C
V - Gate-Source Voltage( V )
0
5
0
10
1
GS
V = 10V
20
15
25
30
DS
A
3
2
4
25°C
125°C
Transfer Characteristics
Body Diode Forward Voltage Variation with
Source Current and Temperature
25°C
T = 125°C
V - Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V = 0V
1
10
100
A
GS
1.0
0.8
1.2
-55°C
1.4
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com