Electronic Components Datasheet Search
  English  ▼

X  

EMBA5N10AS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMBA5N10AS
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBA5N10AS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMBA5N10AS Datasheet HTML 1Page - Excelliance MOS Corp. EMBA5N10AS Datasheet HTML 2Page - Excelliance MOS Corp. EMBA5N10AS Datasheet HTML 3Page - Excelliance MOS Corp. EMBA5N10AS Datasheet HTML 4Page - Excelliance MOS Corp. EMBA5N10AS Datasheet HTML 5Page - Excelliance MOS Corp. EMBA5N10AS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2019/10/2
p.4
EMBA5N10AS
Q - Gate Charge( nC )
0
0
2
4
g
2
4
I = 8A
6
8
10
D
6
8
VDS = 80V
Gate Charge Characteristics
V - Drain-Source Voltage( V )
400
0
0
200
DS
20
Crss
Coss
600
1000
Ciss
40
60
80
GS
f = 1MHz
V
= 0 V
Capacitance Characteristics
100
100
300
500
900
800
700
0
200
100
0.0001
0.001
500
300
400
0.01
0.1
1
Single Pulse
RθJC = 2.5 C°/W
TC = 25°C
Single Pulse Time ( SEC )
Single Pulse Maximum Power Dissipation
Notes:
0.1
1
0.01
0.001
1
DM
1
0.2
0.05
0.1
0.1
Duty Cycle = 0.5
0.01
Single Pulse
0.0001
0.02
0.01
0.00001
Transient Thermal Response Curve
t ,Time ( SEC )
t1
t2
1.Duty Cycle , D =
2.RθJC = 2.5°C/W
3.TJ - TC = P * RθJC(t)
4.RθJC(t) = r(t) * RθJC
Maximum Safe Operating Area
1
0.1
10
DS
1
10
100
DC
100
1000
10
0μ
s
10
μs
10
0m
s
10
ms
1m
s
V ,Drain-Source Voltage( V )
VGS = 10V
Single Pulse
RθJC = 2.5°C/W
Tc = 25°C
R DS
(O
N)
Li
m
it



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com