Electronic Components Datasheet Search
  English  ▼

X  

1620142 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1620142
Description  CA-06P1N8A9006 - Coupler connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620142 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1620142 Datasheet HTML 2Page - PHOENIX CONTACT 1620142 Datasheet HTML 3Page - PHOENIX CONTACT 1620142 Datasheet HTML 4Page - PHOENIX CONTACT 1620142 Datasheet HTML 5Page - PHOENIX CONTACT 1620142 Datasheet HTML 6Page - PHOENIX CONTACT 1620142 Datasheet HTML 7Page - PHOENIX CONTACT 1620142 Datasheet HTML 8Page - PHOENIX CONTACT 1620142 Datasheet HTML 9Page - PHOENIX CONTACT 1620142 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/1620142
cUL Recognized
Approval ID: E335019-20141210
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
Use group keine
48 V
10 A
14 - 14
-
UL Recognized
Approval ID: E335019-20141210
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
Use group keine
48 V
17 A
14 - 14
-
cULus Recognized
CA-06P1N8A9006 - Coupler connector
1620142
https://www.phoenixcontact.com/us/products/1620142
Jul 3, 2024, 4:47 AM
Page 6 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com