Electronic Components Datasheet Search
  English  ▼

X  

1620142 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1620142
Description  CA-06P1N8A9006 - Coupler connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620142 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1620142 Datasheet HTML 7Page - PHOENIX CONTACT 1620142 Datasheet HTML 8Page - PHOENIX CONTACT 1620142 Datasheet HTML 9Page - PHOENIX CONTACT 1620142 Datasheet HTML 10Page - PHOENIX CONTACT 1620142 Datasheet HTML 11Page - PHOENIX CONTACT 1620142 Datasheet HTML 12Page - PHOENIX CONTACT 1620142 Datasheet HTML 13Page - PHOENIX CONTACT 1620142 Datasheet HTML 14Page - PHOENIX CONTACT 1620142 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RC-5CP2000 - Crimp contact
1603513
https://www.phoenixcontact.com/us/products/1603513
Crimp contact, Pin, turned, contact diameter: 2 mm, crimp range: 1 mm2 ... 1.5
mm2, Alternative product in accordance with RoHS II without Exemption 6c (Pb 
< 0.1 %) item no.: 1241634
RF-Z0003 - Square mounting flange
1607905
https://www.phoenixcontact.com/us/products/1607905
Square mounting flange, Axial seal, 4xM3, flange dimensions: 35 mm x 35 mm,
series: RF, Alternative product in accordance with RoHS II without Exemption 6c
(Pb < 0.1 %) item no.: 1242369
CA-06P1N8A9006 - Coupler connector
1620142
https://www.phoenixcontact.com/us/products/1620142
Jul 3, 2024, 4:47 AM
Page 13 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com