Electronic Components Datasheet Search
  English  ▼

X  

EPR-16 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # EPR-16
Description  Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-16 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button EPR-16 Datasheet HTML 26Page - Power Integrations, Inc. EPR-16 Datasheet HTML 27Page - Power Integrations, Inc. EPR-16 Datasheet HTML 28Page - Power Integrations, Inc. EPR-16 Datasheet HTML 29Page - Power Integrations, Inc. EPR-16 Datasheet HTML 30Page - Power Integrations, Inc. EPR-16 Datasheet HTML 31Page - Power Integrations, Inc. EPR-16 Datasheet HTML 32Page - Power Integrations, Inc. EPR-16 Datasheet HTML 33Page - Power Integrations, Inc. EPR-16 Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
EPR-16 - LinkSwitch 2.75 W Charger/Adapter
17-May-04
11.4 Performance Data
11.4.1 Line and Load Regulation
The existing limits for the EP-16 (LNK501) design are shown for reference. Key
differences to note are the higher no-load voltage, lower voltage at the peak power point
and the increase in the output current as the voltage falls in the CC region.
The lower voltage at the peak power point has the additional effect of increasing the
current at the power point. This could be adjusted by increasing the feedback resistor R1,
which would also increase the no-load voltage and no-load input power.
0
1
2
3
4
5
6
7
8
9
10
11
0
100
200
300
400
500
600
700
800
Load Current (mA)
85 VAC
115 VAC
190 VAC
230 VAC
265 VAC
LNK501 (Max)
LNK501 (Min)
LNK520 (min)
LNK520 (max)
Figure 31 – Load Regulation at Selected Input Voltages (EP-16 Using the LNK520P).
Page 30 of 36
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com