Electronic Components Datasheet Search
  English  ▼

X  

EPR-16 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # EPR-16
Description  Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-16 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  EPR-16 Datasheet HTML 1Page - Power Integrations, Inc. EPR-16 Datasheet HTML 2Page - Power Integrations, Inc. EPR-16 Datasheet HTML 3Page - Power Integrations, Inc. EPR-16 Datasheet HTML 4Page - Power Integrations, Inc. EPR-16 Datasheet HTML 5Page - Power Integrations, Inc. EPR-16 Datasheet HTML 6Page - Power Integrations, Inc. EPR-16 Datasheet HTML 7Page - Power Integrations, Inc. EPR-16 Datasheet HTML 8Page - Power Integrations, Inc. EPR-16 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
17-May-04
EPR-16 – LinkSwitch 2.75 W Charger/Adapter
2 Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
85
265
VAC
2 Wire – no Protective Ground
Frequency
fLINE
47
50/60
64
Hz
No-load Input Power (265 VAC)
0.3
W
Output
Output Voltage
VOUT
5.0
5.5
6.0
V
At peak output power point
Output Ripple Voltage (res. load) VRIPPLE R
300
mV
Resistive load, peak power
Output Ripple Voltage (bat. load) VRIPPLE B
150
mV
Battery load, peak power
Output Current 1
IOUT
400
500
600
mA
Total Output Power
Continuous Output Power
POUT
2
2.75
3.6
W
Efficiency
η
71
%
Measured at output peak power
point, 25
oC
Environmental
1.2/50 Surge
2
kV
1.2/50
µs surge, IEC 1000-4-5,
12
Ω series impedance,
differential and common mode
100 kHz Ring Wave Surge
2
kV
100 kHz ring wave, 500 A short
circuit current, differential and
common mode
Ambient Temperature
TAMB
0
40
oC
Free convection, sea level
Conducted EMI
Meets CISPR22B / EN55022B & FCC B with artificial hand connected to output return
Safety
Designed to meet IEC950, UL1950 Class II
Output VI Characteristic Specification
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
IOUT (mA)
Figure 3 – EP-16 Output Characteristic Envelope.
(Shading represents no-go areas.)
Page 5 of 36
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com