Electronic Components Datasheet Search
  English  ▼

X  

SVT03110PL3 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SVT03110PL3
Description  -46A, -30V P CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT03110PL3 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SVT03110PL3 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silan
Microelectronics
SVT03110PL3_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.1
http: //www.silan.com.cn
Page 1 of 9
-46A, -30V P CHANNEL MOSFET
DESCRIPTION
SVT03110PL3 is a P channel enhancement mode power MOS field
effect
transistor
which
is
produced
using
Silan's
LVMOS
technology. The improved process and cell structure have been
especially tailored to minimize on-state resistance, provide superior
switching performance and high avalanche breakdown tolerance.
This device is widely used in UPS, Power Management for Inverter
Systems.
FEATURES
-46A, -30V, RDS(on)(typ.) =7.0m@VGS=-10V
Low gate charge
Low Crss
Fast switching
Improved dv/dt capability
100% avalanche tested
Pb-free lead plating
RoHS compliant
KEY PERFORMANCE PARAMETERS
Characteristics
Ratings
Unit
VDS
-30
V
VGS(th)
-1.0~-3.0
V
RDS(on),max
11
m
ID
-46
A
Qg.typ
51
nC
PDFN-8-3.3×3.3×0.75-0.65
1
2
3
4
8
7
6
5
S
S
S
G
D
D
D
D
3
1
1
2
3
4
2
4
8
7
6
5
8
7
6
5
ORDERING INFORMATION
Part No.
Package
Marking
Hazardous Substance Control
Packing Type
SVT03110PL3TR
PDFN-8-3.3x3.3x0.75-0.65
0311
Halogen free
Tape & Reel


Similar Part No. - SVT03110PL3

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SVT03100ND SILAN-SVT03100ND Datasheet
310Kb / 7P
60A, 30V N-CHANNEL MOSFET
Rev.:1.1
SVT03100NL3 SILAN-SVT03100NL3 Datasheet
264Kb / 8P
45A, 30V N-CHANNEL MOSFET
Rev.:1.2
SVT03100NL3TR SILAN-SVT03100NL3TR Datasheet
264Kb / 8P
45A, 30V N-CHANNEL MOSFET
Rev.:1.2
SVT03120NL2 SILAN-SVT03120NL2 Datasheet
372Kb / 9P
12A, 30V N-CHANNEL MOSFET
Rev.:1.2
SVT03120NL2TR SILAN-SVT03120NL2TR Datasheet
372Kb / 9P
12A, 30V N-CHANNEL MOSFET
Rev.:1.2
More results

Similar Description - SVT03110PL3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com