Electronic Components Datasheet Search
  English  ▼

X  

SVT03110PL3 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SVT03110PL3
Description  -46A, -30V P CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT03110PL3 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SVT03110PL3 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SVT03110PL3 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Silan
Microelectronics
SVT03110PL3_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.1
http: //www.silan.com.cn
Page 3 of 9
Dynamic characteristics
Characteristics
Symbol
Test conditions
Ratings
Unit
Min.
Typ.
Max.
Input Capacitance
Ciss
f=1MHz, VGS=0V, VDS=-15V
--
2419
--
pF
Output Capacitance
Coss
--
398
--
Reverse Transfer
Capacitance
Crss
--
357
--
Turn-on Delay Time
td(on)
VDD=-20V, VGS=-10V,
RG=6.0Ω, ID=-11.5A
(Notes 4, 5)
--
9.3
--
ns
Turn-on Rise Time
tr
--
39
--
Turn-off Delay Time
td(off)
--
72
--
Turn-off Fall Time
tf
--
46
--
Total Gate Charge
Qg
VDD=-15V, VGS=-10V, ID=-11.5A
(Notes 4, 5)
--
51
--
nC
Gate-source Charge
Qgs
--
9.4
--
Gate-drain Charge
Qgd
--
11
--
Gate-plateau Voltage
Vplateau
--
3.4
--
V
Reverse diode characteristics
Characteristics
Symbol
Test conditions
Ratings
Unit
Min.
Typ.
Max.
Continuous Source
Current
IS
TC=25C, Integral Reverse P-N
Junction Diode in the MOSFET
--
--
-46
A
Pulsed Source Current
IS,pulse
--
--
-184
Diode Forward Voltage
VSD
IS=-1.0A, VGS=0V
--
--
-1.4
V
Reverse Recovery Time
Trr
IS=-11.5A, VGS=0V, VR=30V
dIF/dt=100A/µs
(Note 4)
--
19
--
ns
Reverse Recovery
Charge
Qrr
--
11
--
nC
Notes:
1.
The rated value only refers to the maximum absolute value at the case temperature of 25
C in the specification. If the case
temperature is higher than 25
C, it should be derated according to the actual environmental conditions;
2.
Pulse time 5µs, pulse width is limited by the maximum junction temperature;
3.
The dissipation power will change with temperature, derating above 25
C: 0.28W/C;
4.
Pulse Test:
Pulse width ≤300μs, Duty cycle≤2%;
5.
Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com