Electronic Components Datasheet Search
  English  ▼

X  

EPR-18 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-18
Description  Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-18 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-18 Datasheet HTML 1Page - Power Integrations, Inc. EPR-18 Datasheet HTML 2Page - Power Integrations, Inc. EPR-18 Datasheet HTML 3Page - Power Integrations, Inc. EPR-18 Datasheet HTML 4Page - Power Integrations, Inc. EPR-18 Datasheet HTML 5Page - Power Integrations, Inc. EPR-18 Datasheet HTML 6Page - Power Integrations, Inc. EPR-18 Datasheet HTML 7Page - Power Integrations, Inc. EPR-18 Datasheet HTML 8Page - Power Integrations, Inc. EPR-18 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
10 W, Multiple Output, Isolated Power Supply
05-Dec-2002
Table Of Contents
1
Introduction.................................................................................................................3
2
Power Supply Specification ........................................................................................4
3
Schematic...................................................................................................................5
4
Circuit Description ......................................................................................................6
5
PCB Layout ................................................................................................................9
6
Bill Of Materials ........................................................................................................10
7
Transformer Specification.........................................................................................11
7.1
Electrical Specifications.....................................................................................11
7.2
Materials............................................................................................................11
7.3
Transformer Build Diagram ...............................................................................12
7.4
Transformer Construction..................................................................................12
7.5
Design Notes.....................................................................................................13
7.6
Transformer Sources.........................................................................................13
8
Transformer Spreadsheets.......................................................................................15
9
Performance Data ....................................................................................................17
9.1
Efficiency ...........................................................................................................17
9.2
Regulation .........................................................................................................18
9.2.1
Load ...........................................................................................................18
9.2.2
Line ............................................................................................................18
9.2.3
Cross-Regulation Table..............................................................................19
10
Thermal Performance ...........................................................................................20
11
Waveform Scope Plots .........................................................................................21
12
Load Transient Response (75% to 100% Load Step) ...........................................22
13
Conducted EMI .....................................................................................................23
14
Surge Voltage .......................................................................................................25
14.1 Differential = Line-to-Line (L-N), 2
Ω Source Impedance. .................................25
14.2 Common Mode = Line-to-Ground (L-GND, N-GND), 12
Ω Source Impedance.25
15
Revision History ....................................................................................................26
Important Note:
Although the EP-18 is designed to satisfy safety isolation requirements, the engineering
prototype has not been agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the prototype board.
Page 2 of 28
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com