Electronic Components Datasheet Search
  English  ▼

X  

EPR-18 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # EPR-18
Description  Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-18 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button EPR-18 Datasheet HTML 17Page - Power Integrations, Inc. EPR-18 Datasheet HTML 18Page - Power Integrations, Inc. EPR-18 Datasheet HTML 19Page - Power Integrations, Inc. EPR-18 Datasheet HTML 20Page - Power Integrations, Inc. EPR-18 Datasheet HTML 21Page - Power Integrations, Inc. EPR-18 Datasheet HTML 22Page - Power Integrations, Inc. EPR-18 Datasheet HTML 23Page - Power Integrations, Inc. EPR-18 Datasheet HTML 24Page - Power Integrations, Inc. EPR-18 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
05-Dec-2002
10 W, Multiple Output, Isolated Power Supply
11 Waveform Scope Plots
Figure 12 - Drain Current and Drain-to-source
Voltage at Full Load
(VIN = 85 VAC, 60 Hz).
Figure 14 - Output Voltage Ripple at Full Load
(VIN = 85 VAC In, 60 Hz).
0.2 A/div
0.2 A/div
100 V/div
100 V/div
Figure 13 - Drain Current and Drain-to-source
Voltage at Full Load
(VIN = 265 VAC, 60 Hz).
30 V
30 V
3.3 V
5 V
3.3 V
0.4 A / div
Figure 15 - Primary Current and Output Voltages
During Start-up at Minimum Load
(VIN = 265 VAC In, 60 Hz).
Page 21 of 28
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com