Electronic Components Datasheet Search
  English  ▼

X  

EPR-29 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # EPR-29
Description  Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-29 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button EPR-29 Datasheet HTML 26Page - Power Integrations, Inc. EPR-29 Datasheet HTML 27Page - Power Integrations, Inc. EPR-29 Datasheet HTML 28Page - Power Integrations, Inc. EPR-29 Datasheet HTML 29Page - Power Integrations, Inc. EPR-29 Datasheet HTML 30Page - Power Integrations, Inc. EPR-29 Datasheet HTML 31Page - Power Integrations, Inc. EPR-29 Datasheet HTML 32Page - Power Integrations, Inc. EPR-29 Datasheet HTML 33Page - Power Integrations, Inc. EPR-29 Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
EPR-29 – 4 Output, 11 W, Universal Input, DVD Supply
07-July-03
Page 30 of 36
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
11.5.3 Ripple Measurements at 230 VAC
Figure 34 – 3.3 V Ripple, 230 VAC, Full Load.
2 ms, 50 mV / div. 18 mV p-p
Figure 35 – 5 V Ripple, 230 VAC, Full Load.
2 ms, 50 mV / div. 48 mV p-p
Figure 36 – 12 V Ripple, 230 VAC, Full :oad.
2 ms, 50 mV/div. 16 mV p-p
Figure 37 – -12 V Ripple, 230 VAC, Full Load.
2 ms, 50 mV/div. 40 mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com