Electronic Components Datasheet Search
  English  ▼

X  

EPR-29 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-29
Description  Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-29 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-29 Datasheet HTML 1Page - Power Integrations, Inc. EPR-29 Datasheet HTML 2Page - Power Integrations, Inc. EPR-29 Datasheet HTML 3Page - Power Integrations, Inc. EPR-29 Datasheet HTML 4Page - Power Integrations, Inc. EPR-29 Datasheet HTML 5Page - Power Integrations, Inc. EPR-29 Datasheet HTML 6Page - Power Integrations, Inc. EPR-29 Datasheet HTML 7Page - Power Integrations, Inc. EPR-29 Datasheet HTML 8Page - Power Integrations, Inc. EPR-29 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
EPR-29 – 4 Output, 11 W, Universal Input, DVD Supply
07-July-03
Page 2 of 36
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction ................................................................................................................ 3
2
Power Supply Specification........................................................................................ 4
3
Schematic .................................................................................................................. 5
4
Circuit Description ...................................................................................................... 6
4.1
Input EMI Filtering............................................................................................... 6
4.2
TinySwitch-II Primary .......................................................................................... 6
4.3
Output Rectification............................................................................................. 6
4.4
Output Feedback ................................................................................................ 7
5
PCB Layout................................................................................................................ 8
6
Bill Of Materials .......................................................................................................... 9
7
Transformer Specification ........................................................................................ 10
7.1
Electrical Diagram............................................................................................. 10
7.2
Electrical Specifications .................................................................................... 10
7.3
Materials ........................................................................................................... 11
7.4
Transformer Build Diagram ............................................................................... 11
7.5
Copper Foil Preparation .................................................................................... 12
7.6
Winding Instructions.......................................................................................... 12
8
Transformer Spreadsheet ........................................................................................ 14
9
Performance Data .................................................................................................... 17
9.1
Efficiency........................................................................................................... 17
9.2
No-load Input Power ......................................................................................... 17
9.3
Standby Input Power......................................................................................... 18
9.4
Regulation......................................................................................................... 19
9.4.1
Load Regulation......................................................................................... 19
9.4.2
Line Regulation.......................................................................................... 22
10
Thermal Performance........................................................................................... 23
11
Waveforms ........................................................................................................... 24
11.1
Drain Voltage and Current, Normal Operation .................................................. 24
11.2
Output Voltage Start-up Profiles ....................................................................... 24
11.2.1
Start-up Profile for 3.3 V and 5 V Outputs.................................................. 24
11.3
Drain Voltage and Current Start-up Profile ....................................................... 25
11.4
Load Transient Response (75% to 100% Load Step) ....................................... 26
11.4.1
Transient Response for 3.3 V and 5 V Outputs ......................................... 26
11.4.2
Transient Response for +12 V and –12 V Outputs .................................... 27
11.5
Output Ripple Measurements ........................................................................... 28
11.5.1
Ripple Measurement Technique ................................................................ 28
11.5.2
Ripple Measurements at 115 VAC............................................................. 29
11.5.3
Ripple Measurements at 230 VAC............................................................. 30
11.6
Conducted EMI ................................................................................................. 31
12
Revision History.................................................................................................... 32
Important Note:
Although the EP-29 board is designed to satisfy safety isolation requirements, this engineering
prototype has not been agency approved. Therefore, all testing should be performed using an
isolation transformer to provide the AC input to the prototype board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com